Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBF30 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFBF30
Description  Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBF30 Datasheet(HTML) 4 Page - International Rectifier

  IRFBF30 Datasheet HTML 1Page - International Rectifier IRFBF30 Datasheet HTML 2Page - International Rectifier IRFBF30 Datasheet HTML 3Page - International Rectifier IRFBF30 Datasheet HTML 4Page - International Rectifier IRFBF30 Datasheet HTML 5Page - International Rectifier IRFBF30 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - IRFBF30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBF30 VISHAY-IRFBF30 Datasheet
1,010Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
IRFBF30 VISHAY-IRFBF30 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
IRFBF30 VISHAY-IRFBF30 Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
logo
Inchange Semiconductor ...
IRFBF30 ISC-IRFBF30 Datasheet
329Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBF30 VISHAY-IRFBF30 Datasheet
260Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFBF30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPF30 IRF-IRFPF30 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A)
IRFIBF30G IRF-IRFIBF30G Datasheet
167Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=1.9A)
IRFBC30 IRF-IRFBC30 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFBC30S IRF-IRFBC30S Datasheet
362Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
IRFR9220 IRF-IRFR9220 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
IRFBF20S IRF-IRFBF20S Datasheet
311Kb / 10P
   Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
IRFPF40 IRF-IRFPF40 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=2.5ohm, Id=4.7A)
IRFPF50 IRF-IRFPF50 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)
IRFIBF20G IRF-IRFIBF20G Datasheet
168Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.2A)
IRFBF20 IRF-IRFBF20 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=900V, Rds(on)=8.0ohm, Id=1.7A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com