Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THL3512 Datasheet(PDF) 11 Page - THine Electronics, Inc.

Part # THL3512
Description  The THL3512 is an LED driver with 24 channel opendrain
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THL3512 Datasheet(HTML) 11 Page - THine Electronics, Inc.

Back Button THL3512 Datasheet HTML 7Page - THine Electronics, Inc. THL3512 Datasheet HTML 8Page - THine Electronics, Inc. THL3512 Datasheet HTML 9Page - THine Electronics, Inc. THL3512 Datasheet HTML 10Page - THine Electronics, Inc. THL3512 Datasheet HTML 11Page - THine Electronics, Inc. THL3512 Datasheet HTML 12Page - THine Electronics, Inc. THL3512 Datasheet HTML 13Page - THine Electronics, Inc. THL3512 Datasheet HTML 14Page - THine Electronics, Inc. THL3512 Datasheet HTML 15Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
THL3512_Rev.1.02_E
11
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
Security E
3-wire to 2-pair bridge function
When the MODE pin is set to high, the serial interface for writing to registers becomes 3-wire serial CMOS level input
(CSn, CK, SI), which is converted to 2-wire serial and transferred to the LVDS output pins.
- While the CSn is active low, the data input SI is latched and transferred to the LVDS output SDA_OUT on the rising
edges of the clock input SCK. There is about 10ns setup time between the clock output SCL_OUT and the data output
SDA_OUT.
- When the CSn falls, “Header Condition” is generated on 2-pair LVDS output.
- After the CSn rises, an active-low pulse "End Pulse” (the pulse width: 40ns typ) is added on the clock output
SCL_OUT.
- When the CSn rises, the data output SDA_OUT is forced high. In the result, the low to high transition of the clock out-
put SCL_OUT "End Pulse” occurs while the data output SDA_OUT is high
< 3-wire to 2-pair bridge >
2-pair to 2-pair repeater function
When the MODE pin is set to low, the serial interface for writing to registers becomes 2-pair serial LVDS input
(SCL_INp/SCL_INn, SDA_INp/SDA_INn). The timing between the clock and the data is compensated and then they are
transferred to the LVDS output pins.
- The data input SCL_IN is latched and transferred to the LVDS output SDA_OUT on the rising edges of the clock input
SCL_IN. There is about 10ns setup time between the clock output SCL_OUT and the data output SDA_OUT.
- The “Header Condition” is regenerated and transferred to the output.
< 2-pair to 2-pair repeater function >
SCL_INp (SCK)
SDA_INp (SI)
SCL_INn (CSn)
bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
bit7 bit6
76
5432
1
076
7
6543
2
1
0
bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
bit7 bit6
76
5432
1
076
7
6543
2
1
0
“1st Byte“
“2nd Byte“
“Last Byte“
End Pulse
Header Condition
SCL_OUT
SDA_OUT
bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
bit7 bit6
7654
32
1
0
7
6
765
432
1
0 End Pulse
Header Condition
SCL_IN
SDA_IN
bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
bit7 bit6 bit5 bit4 bit3 bit2 bit1 bit0
bit7 bit6
76
5432
1
076
76543
2
1
0
“1st Byte“
“2nd Byte“
“Last Byte“
SCL_OUT
SDA_OUT


Similar Part No. - THL3512

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THL3514 THINE-THL3514 Datasheet
339Kb / 16P
   The THL3514 is an LED driver with 24 channel constant
More results

Similar Description - THL3512

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THL3514 THINE-THL3514 Datasheet
339Kb / 16P
   The THL3514 is an LED driver with 24 channel constant
logo
List of Unclassifed Man...
TM8706 ETC1-TM8706 Datasheet
108Kb / 12P
   The TM8706 is an embedded high-performance 4-bit microcomputer with LCD LED driver
logo
Supertex, Inc
HV9910C SUTEX-HV9910C Datasheet
782Kb / 8P
   The HV9910C is an open loop, current mode, control LED driver IC.
logo
ON Semiconductor
LV5239TA ONSEMI-LV5239TA Datasheet
504Kb / 28P
   24-channel LED Driver
February 2016 - Rev. 0
LV5236V ONSEMI-LV5236V Datasheet
447Kb / 36P
   24-channel LED Driver
March, 2014
logo
Sanyo Semicon Device
LV5236V SANYO-LV5236V Datasheet
383Kb / 34P
   24-channel LED Driver
logo
THine Electronics, Inc.
THL3502 THINE-THL3502 Datasheet
189Kb / 2P
   24-channel LED Driver with LVDS Interface
logo
California Eastern Labs
THEVAL3502 CEL-THEVAL3502 Datasheet
754Kb / 7P
   24-channel LED Driver with LVDS Interface
logo
Texas Instruments
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
logo
Kinetic Technologies.
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com