Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THV6531 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THV6531
Description  THV6531 is a controller IC power supply system with
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THV6531 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THV6531 Datasheet HTML 1Page - THine Electronics, Inc. THV6531 Datasheet HTML 2Page - THine Electronics, Inc. THV6531 Datasheet HTML 3Page - THine Electronics, Inc. THV6531 Datasheet HTML 4Page - THine Electronics, Inc. THV6531 Datasheet HTML 5Page - THine Electronics, Inc. THV6531 Datasheet HTML 6Page - THine Electronics, Inc. THV6531 Datasheet HTML 7Page - THine Electronics, Inc. THV6531 Datasheet HTML 8Page - THine Electronics, Inc. THV6531 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
THine Electronics, Inc.
1/11
THL6531_Rev.1.01_E
Copyright© 2013 THine Electronics, Inc. All rights reserved.
VIN
VREF
LX
VGH_OUT
PGND
VGH_FB
AGND1
VGL_FB
VGL_OUT
Detector
AVDD
AVDD
Boost
DOUT
DIN
FB
PC
AVDD
AMP_NON
AMP_OUT
VLS
VGH
VGL
VLS
VREF
V_VGH
GOUT
GR
Gate
slope
VGHM
GIN
GDELAY
VCC
AGND2
AMP_INV
UVLO
VIN
VCC
VCOM
OSC
OSC
1/2OSC
OSC
1/2OSC
1/2OSC
VIN
VREF
LX
VGH_OUT
PGND
VGH_FB
AGND1
VGL_FB
VGL_OUT
Detector
AVDD
AVDD
Boost
DOUT
DIN
FB
PC
AVDD
AMP_NON
AMP_OUT
VLS
VGH
VGL
VLS
VREF
V_VGH
GOUT
GR
Gate
slope
VGHM
GIN
GDELAY
VCC
AGND2
AMP_INV
UVLO
VIN
VCC
VCOM
OSC
OSC
1/2OSC
OSC
1/2OSC
1/2OSC
THV6531
Boost converter / 2 channel charge pump
Description
THV6531 is a controller IC power supply system with
boost converter and 2 channel charge pump circuit.
The positive and negative charge pumps provide
regulated TFT LCD gate-on and gate-off supplies. The
chip includes a VCOM buffer and a gate slop circuit.
Soft start / Over current protection / Under voltage lock
out protection / Thermal shut down are built in.
Mounted area is reducible by 24-pin QFN.
Application
Mobile phone display
Car Navigator display
Laptop/Netbook/Tablet PC display
Pin Configuration
Features
Input voltage range : 2.5V – 5.5V
Boost converter
Maximum output voltage : 18V
Switching limit current : 2.5A
Feedback voltage accuracy : +/-1%
Switching frequency : 1.2MHz
Positive charge pump
Feedback voltage accuracy : +/-1.5%
Switching frequency : 600kHz
Negative charge pump
Feedback voltage accuracy : +/-5%
Switching frequency : 600kHz
Operational amplifier
Output short-circuit current : +/-200mA
Gate slop
Detector
Protection circuit
Soft start
Over current protection
Under voltage lock out protection
Thermal shut down
4mm x 4mm QFN 24pin package
Block Diagram
1
2
3
4
12
11
10
9
5
6
7
8
Exposed Thermal Pad
AMP_NON
AMP_INV
AMP_OUT
AGND2
PC
DIN
AGND1
VCC
(Top view)
25 GNDEXP
18
17
16
15
14
13
19
20
21
22
24
23
AVDD
VGH_OUT
FB
PGND
1
2
3
4
12
11
10
9
5
6
7
8
Exposed Thermal Pad
AMP_NON
AMP_INV
AMP_OUT
AGND2
PC
DIN
AGND1
VCC
(Top view)
25 GNDEXP
18
17
16
15
14
13
19
20
21
22
24
23
AVDD
VGH_OUT
FB
PGND
1
2
3
4
12
11
10
9
5
6
7
8
Exposed Thermal Pad
AMP_NON
AMP_INV
AMP_OUT
AGND2
PC
DIN
AGND1
VCC
(Top view)
25 GNDEXP
18
17
16
15
14
13
19
20
21
22
24
23
AVDD
VGH_OUT
FB
PGND
1
2
3
4
12
11
10
9
5
6
7
8
Exposed Thermal Pad
AMP_NON
AMP_INV
AMP_OUT
AGND2
PC
DIN
AGND1
VCC
(Top view)
25 GNDEXP
18
17
16
15
14
13
19
20
21
22
24
23
AVDD
VGH_OUT
FB
PGND


Similar Part No. - THV6531

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV6530 THINE-THV6530 Datasheet
779Kb / 11P
   THV6530 is a controller IC power supply system with
More results

Similar Description - THV6531

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THV6520 THINE-THV6520 Datasheet
825Kb / 11P
   THV6520 is a controller IC power supply system with
THV6530 THINE-THV6530 Datasheet
779Kb / 11P
   THV6530 is a controller IC power supply system with
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
ATMEL Corporation
ATA6405 ATMEL-ATA6405 Datasheet
281Kb / 12P
   12/24V SYSTEM POWER SUPPLY IC
logo
Rohm
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
ADTech
ADT7310 ADTECH-ADT7310 Datasheet
262Kb / 15P
   system specific power supply IC that is suitable for color CCD camera
logo
International Rectifier
IRIS-G6651 IRF-IRIS-G6651 Datasheet
272Kb / 7P
   IRIS-G6651 is a hybrid IC consists from power MOSFET and a controller IC
logo
Fujitsu Component Limit...
MB3829 FUJITSU-MB3829 Datasheet
442Kb / 24P
   System Power Supply IC for Mobile Telephone
logo
Rohm
BD4911FM ROHM-BD4911FM Datasheet
282Kb / 6P
   System Power Supply with WDT
logo
NXP Semiconductors
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com