Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM2305A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SGM2305A
Description  P-Channel Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGM2305A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SGM2305A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGM2305A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGM2305A_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGM2305A_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SGM2305A
-3.2 A, -30 V, RDS(ON) 80 mΩ
P-Channel Enhancement Mode Power MOSFET
01-June-2008 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
1
2
3
4
A
B
D
L
K
F
G
H
J
E
C
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
The SGM2305A provide the designer with
best combination of fast switching,
low on-resistance and cost-effectiveness.
The SGM2305A is universally preferred for
all commercial-industrial surface mount
applications and suited for low voltage
applications such as DC/DC converters.
Simple Drive Requirement
Surface Mount Device
PACKAGE INFORMATION
Weight: 0.0508 g (approximately)
MARKING
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
3
ID @ TA = 25°C
-3.2
A
Continuous Drain Current
3
ID @ TA = 70°C
-2.6
A
Pulsed Drain Current
1,2
IDM
-10
A
Total Power Dissipation
PD @ TA = 25°C
1.5
W
Linear Derating Factor
0.012
W / °C
Operating Junction & Storage temperature
TJ, TSTG
-55~150
°C
THERMAL DATA
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-Ambient
3
Max.
RθJA
83.3
°C / W
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
-
-
B
4.05
4.25
H
0.89
1.20
C
2.40
2.60
J
0.35
0.41
D
1.40
1.60
K
0.70
0.80
E
3.00 REF.
L
1.50 REF.
F
0.40
0.52
2305A
= Date code
1
G
3
S
D
2
4


Similar Part No. - SGM2305A_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM2305A SECOS-SGM2305A Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SGM2305A_15

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com