Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0409MF Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # Z0409MF
Description  4 A Triacs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

Z0409MF Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  Z0409MF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. Z0409MF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. Z0409MF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. Z0409MF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. Z0409MF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. Z0409MF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. Z0409MF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Figure 7.
On-state characteristics
(maximum values)
Figure 8.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
Figure 9.
Relative variation of critical
rate of decrease of main current
versus junction temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
20.0
I
(A)
TM
V
(V)
TM
T =
max.
j
Tj
T = 25°C
j
T =max.
j
V =0.95 V
R =180 m
t0
d
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
Z0402
Z0409
Z0410
Z0405
(dV/dt)c (V/µs)
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
Specified]
j
(dI/dt)c [Tj
T (°C)
j
Z04
8
2015-6-15
www,kersemi.com


Similar Part No. - Z0409MF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0409MF STMICROELECTRONICS-Z0409MF Datasheet
88Kb / 8P
   4A TRIACS
logo
Tiger Electronic Co.,Lt...
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
   4A TRIACS
logo
STMicroelectronics
Z0409MF STMICROELECTRONICS-Z0409MF Datasheet
90Kb / 8P
   Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
May 2006 Rev 7
logo
HAOPIN MICROELECTRONICS...
Z0409MF HAOPIN-Z0409MF Datasheet
293Kb / 5P
   Blocking voltage to 600 V
logo
STMicroelectronics
Z0409MF-1AA2 STMICROELECTRONICS-Z0409MF-1AA2 Datasheet
90Kb / 8P
   Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
May 2006 Rev 7
More results

Similar Description - Z0409MF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
logo
YENYO TECHNOLOGY Co., L...
BT08 YENYO-BT08 Datasheet
209Kb / 5P
   4-Quardrant Triacs
BT04 YENYO-BT04 Datasheet
189Kb / 5P
   4-Quardrant Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
   10-A SILICON TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com