Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT137X-800E Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # BT137X-800E
Description  Glass passivated triacs in a full pack
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BT137X-800E Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  BT137X-800E Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BT137X-800E Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BT137X-800E Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BT137X-800E Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BT137X-800E Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig.7. Normalised gate trigger current
I
GT(Tj)/ IGT(25˚C), versus junction temperature Tj.
Fig.8. Normalised latching current I
L(Tj)/ IL(25˚C),
versus junction temperature T
j.
Fig.9. Normalised holding current I
H(Tj)/ IH(25˚C),
versus junction temperature T
j.
Fig.10. Typical and maximum on-state characteristic.
Fig.11. Transient thermal impedance Z
th j-hs, versus
pulse width t
p.
Fig.12. Typical commutation dV/dt versus junction
temperature, parameter commutation dI
T/dt. The triac
should commutate when the dV/dt is below the value
on the appropriate curve for pre-commutation dI
T/dt.
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BT137
Tj / C
IGT(Tj)
IGT(25 C)
T2+ G+
T2+ G-
T2- G-
T2- G+
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
BT137
VT / V
IT / A
Tj = 125 C
Tj = 25 C
typ
max
Vo = 1.264 V
Rs = 0.0378 Ohms
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IL(Tj)
IL(25 C)
10us
0.1ms
1ms
10ms
0.1s
1s
10s
0.01
0.1
1
10
BT137
tp / s
Zth j-hs (K/W)
t
p
P
t
D
bidirectional
unidirectional
with heatsink compound
without heatsink compound
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IH(Tj)
IH(25C)
0
50
100
150
1
10
100
1000
Tj / C
7.9
4.7
dV/dt (V/us)
2.8
dIcom/dt =
10 A/ms
6.1
3.6
off-state dV/dt limit
BT137...G SERIES
BT137 SERIES
BT137...F SERIES
BT137X series
2014-6-11
4
www.kersemi.com


Similar Part No. - BT137X-800E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137X-800E PHILIPS-BT137X-800E Datasheet
51Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
BT137X-800E PHILIPS-BT137X-800E Datasheet
55Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
WeEn Semiconductors
BT137X-800E WEEN-BT137X-800E Datasheet
484Kb / 13P
   4Q Triac
More results

Similar Description - BT137X-800E

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BT139X-600 KERSEMI-BT139X-600 Datasheet
936Kb / 5P
   Glass passivated triacs in a full pack
BT137X-600D KERSEMI-BT137X-600D Datasheet
937Kb / 5P
   Glass passivated triacs in a full pack
BT137X-500E KERSEMI-BT137X-500E Datasheet
937Kb / 5P
   Glass passivated triacs in a full pack
BT136X-800E KERSEMI-BT136X-800E Datasheet
1Mb / 5P
   Glass passivated triacs in a full pack
BT136X-500D KERSEMI-BT136X-500D Datasheet
1Mb / 5P
   Glass passivated triacs in a full pack
BT136X-600D KERSEMI-BT136X-600D Datasheet
1Mb / 5P
   Glass passivated triacs in a full pack
BT139X-500E KERSEMI-BT139X-500E Datasheet
936Kb / 5P
   Glass passivated triacs in a full pack
BT137X-500D KERSEMI-BT137X-500D Datasheet
937Kb / 5P
   Glass passivated triacs in a full pack
BT136X-500E KERSEMI-BT136X-500E Datasheet
1Mb / 5P
   Glass passivated triacs in a full pack
BT137X-600E KERSEMI-BT137X-600E Datasheet
937Kb / 5P
   Glass passivated triacs in a full pack
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com