Electronic Components Datasheet Search |
|
R2A20134SP Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
R2A20134SP Datasheet(HTML) 4 Page - Renesas Technology Corp |
4 / 11 page R2A20134SP Preliminary R03DS0033EJ0200 Rev.2.00 Page 4 of 10 Jun 03, 2011 Absolute Maximum Ratings (Ta = 25°C) Item Symbol Ratings Unit Note Power Supply Voltage VCC –0.3 to +24 V Ipk-snk-out 0.9 OUT terminal peak current Ipk-src-out –0.50 A 3 Idc-snk-out 100 OUT terminal DC current Idc-src-out –50 mA RT terminal current Irt –200 A VREF terminal current Iref –5 mA Vref terminal voltage Vt-ref –0.3 to Vref + 0.3 V FB terminal voltage Vt-fb –0.3 to +5 V CS terminal voltage Vcs –0.3 to +5 V Power dissipation Pt 0.68 W 4 Operating junction temperature Tj-pr –40 to +150 °C Storage temperature Tstg –55 to +150 °C Notes: 1. Rated voltages are with reference to the GND terminal. 2. For rated currents, inflow to the IC is indicated by (+), and outflow by (–). 3. Shows the transient current when driving a capacitive load. 4. In case of R2A20134SP: ja = 120°C/W This value is a thing mounting on 40 40 1.6 [mm], a glass epoxy board of wiring density 10%. |
Similar Part No. - R2A20134SP_15 |
|
Similar Description - R2A20134SP_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |