Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI064 Datasheet(PDF) 3 Page - International Rectifier

Part # IRFI064
Description  TRANSISTOR N-CHANNEL(Vdss=60V, Rds(on)=0.017ohm, Id=45A*)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI064 Datasheet(HTML) 3 Page - International Rectifier

  IRFI064 Datasheet HTML 1Page - International Rectifier IRFI064 Datasheet HTML 2Page - International Rectifier IRFI064 Datasheet HTML 3Page - International Rectifier IRFI064 Datasheet HTML 4Page - International Rectifier IRFI064 Datasheet HTML 5Page - International Rectifier IRFI064 Datasheet HTML 6Page - International Rectifier IRFI064 Datasheet HTML 7Page - International Rectifier IRFI064 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image


Similar Part No. - IRFI064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI064 IRF-IRFI064 Datasheet
230Kb / 8P
   Simple Drive Requirements
IRFI064 IRF-IRFI064_15 Datasheet
230Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRFI064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFV260 IRF-IRFV260 Datasheet
175Kb / 4P
   TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)
IRFI260 IRF-IRFI260 Datasheet
135Kb / 4P
   TRANSISTOR N-CHANNEL(Vdss=200V, Rds(on)=0.060ohm, Id=45A*)
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFI460 IRF-IRFI460 Datasheet
211Kb / 8P
   TRANSISTOR N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21A)
IRFI360 IRF-IRFI360 Datasheet
210Kb / 8P
   TRANSISTOR N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRFN3710 IRF-IRFN3710 Datasheet
132Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com