Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F64207JFB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F64207JFB
Description  RENESAS MCU
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64207JFB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F64207JFB Datasheet HTML 7Page - Renesas Technology Corp R5F64207JFB Datasheet HTML 8Page - Renesas Technology Corp R5F64207JFB Datasheet HTML 9Page - Renesas Technology Corp R5F64207JFB Datasheet HTML 10Page - Renesas Technology Corp R5F64207JFB Datasheet HTML 11Page - Renesas Technology Corp R5F64207JFB Datasheet HTML 12Page - Renesas Technology Corp R5F64207JFB Datasheet HTML 13Page - Renesas Technology Corp R5F64207JFB Datasheet HTML 14Page - Renesas Technology Corp R5F64207JFB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
R01DS0069EJ0120 Rev.1.20
Page 11 of 97
Jan 27, 2012
R32C/120 Group
1. Overview
1.5
Pin Definitions and Functions
Tables 1.7 to 1.9 show the pin definitions and functions.
Table 1.7
Pin Definitions and Functions (1/3)
Function
Symbol
I/O
Description
Power supply
VCC, VSS
I
Applicable as follows: VCC = 3.0 to 5.5 V, VSS = 0 V
Connecting pins
for decoupling
capacitor
VDC0, VDC1
A decoupling capacitor for internal voltage should be
connected between VDC0 and VDC1
Analog power
supply
AVCC, AVSS
I
Power supply for the A/D converter. AVSS should be
connected to VSS
Reset input
RESET
I
The MCU is reset when this pin is driven low
CNVSS
CNVSS
I
This pin should be connected to VSS via a resistor.
Debug port
NSD
I/O
This pin is to communicate with a debugger. It should
be connected to VCC via a resistor of 1 to 4.7 k
Ω
Main clock input
XIN
I
Input/output for the main clock oscillator. A crystal, or
a ceramic resonator should be connected between
pins XIN and XOUT. An external clock should be
input at the XIN while leaving the XOUT open
Main clock output XOUT
O
Sub clock input
XCIN
I
Input/output for the sub clock oscillator. A crystal
oscillator should be connected between pins XCIN
and XCOUT. An external clock should be input at the
XCIN while leaving the XCOUT open
Sub clock output XCOUT
O
Clock output
CLKOUT
O
Output of the clock with the same frequency as low
speed clocks, f8, or f32
External interrupt
input
INT0 to INT5
I
Input for external interrupts
NMI input
P8_5/NMI
I
Input for NMI
Key input interrupt
KI0 to KI3
I
Input for the key input interrupt
I/O ports
P0_0 to P0_7,
P1_0 to P1_7,
P2_0 to P2_7,
P3_0 to P3_7,
P4_0 to P4_7,
P5_0 to P5_7,
P6_0 to P6_7,
P7_0 to P7_7,
P8_0 to P8_4,
P8_6, P8_7,
P9_3 to P9_7,
P10_0 to P10_7
I/O
I/O ports in CMOS. Each port can be programmed to
input or output under the control of the direction
register.
Pull-up resistors are selected for the following 4-pin
units, but are enabled only for the input pins: Pi_0 to
Pi_3 and Pi_4 to Pi_7 (i = 0 to 10)
Input port
P9_1
I
Input port in CMOS. Pull-up resistors are selectable
for P9_1 and P9_3


Similar Part No. - R5F64207JFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F64207JFB RENESAS-R5F64207JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F64207JFB RENESAS-R5F64207JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F64207JFB RENESAS-R5F64207JFB Datasheet
754Kb / 103P
   RENESAS MCU
More results

Similar Description - R5F64207JFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com