Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD3CYD08 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RD3CYD08
Description  IGBT Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD3CYD08 Datasheet(HTML) 7 Page - Renesas Technology Corp

  RD3CYD08_15 Datasheet HTML 1Page - Renesas Technology Corp RD3CYD08_15 Datasheet HTML 2Page - Renesas Technology Corp RD3CYD08_15 Datasheet HTML 3Page - Renesas Technology Corp RD3CYD08_15 Datasheet HTML 4Page - Renesas Technology Corp RD3CYD08_15 Datasheet HTML 5Page - Renesas Technology Corp RD3CYD08_15 Datasheet HTML 6Page - Renesas Technology Corp RD3CYD08_15 Datasheet HTML 7Page - Renesas Technology Corp RD3CYD08_15 Datasheet HTML 8Page - Renesas Technology Corp RD3CYD08_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RD3CYD08
R04DS0040EJ0700 Rev.7.00
Page 7 of 8
Jan 10, 2014
Package Dimensions
MASS (Typ) [g]
0.006
Previous Code
RENESAS Code
PTSP0005ZC-A
CMPAK-5 / CMPAK-5V
JEITA Package Code
SC-88A
© 2013 Renesas Electronics Corporation. All rights reserved.
Dimensions in millimeters
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
y
Q
0.8
0
0.8
0.15
0.1
1.8
1.15
1.8
0.3
0.1
0.2
Min
Nom
Reference
Symbol
Max
0.9
0.25
0.22
0.13
2.0
1.25
0.65
2.1
0.25
1.1
0.1
1.0
0.3
0.15
2.2
1.35
2.4
0.7
0.5
0.6
0.05
0.05
e
A
EHE
L
L1
Q
c
D
b
AA
A3
LP
S
A
A2
A1
A
S
M
x
S
y
b
A-A Section
c


Similar Part No. - RD3CYD08_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD3CYD08CME RENESAS-RD3CYD08CME Datasheet
176Kb / 8P
   IGBT DRIVER
RD3CYD08VSE RENESAS-RD3CYD08VSE Datasheet
176Kb / 8P
   IGBT DRIVER
RD3CYD08WPE RENESAS-RD3CYD08WPE Datasheet
176Kb / 8P
   IGBT DRIVER
More results

Similar Description - RD3CYD08_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD5CYD08 RENESAS-RD5CYD08 Datasheet
100Kb / 8P
   IGBT Driver
RD3CYDT08 RENESAS-RD3CYDT08 Datasheet
97Kb / 7P
   IGBT Driver
RD5CYD08 RENESAS-RD5CYD08_15 Datasheet
158Kb / 8P
   IGBT Driver
RD3CYDT08 RENESAS-RD3CYDT08_15 Datasheet
120Kb / 9P
   IGBT Driver
RD3CYD08 RENESAS-RD3CYD08 Datasheet
176Kb / 8P
   IGBT DRIVER
logo
Sanyo Semicon Device
TND721MH5 SANYO-TND721MH5 Datasheet
48Kb / 6P
   IGBT DRIVER
logo
Semikron International
SKHI27W SEMIKRON-SKHI27W Datasheet
75Kb / 2P
   PCB IGBT Driver
SKYPER32PRO SEMIKRON-SKYPER32PRO Datasheet
43Kb / 1P
   IGBT Driver Core
SKHI27W SEMIKRON-SKHI27W_05 Datasheet
75Kb / 1P
   PCB IGBT Driver
SKYPER32PRORUL SEMIKRON-SKYPER32PRORUL Datasheet
458Kb / 18P
   IGBT Driver Core
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com