Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFYQ-4041GX-40 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # VFYQ-4041GX-40
Description  0.4Inch (10.16mm) digit height Four Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

VFYQ-4041GX-40 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  VFYQ-4041GX-40 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. VFYQ-4041GX-40 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. VFYQ-4041GX-40 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. VFYQ-4041GX-40 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. VFYQ-4041GX-40 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.51[.020]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1°unless otherwise noted.
3. Bending≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page: 2/5
Http://www.foryard.com
FYQ-4041G/HX-XX
A
Model No.:
:FYQ-4041G/HX-XX
Color
Number
0
○ Water Clear
○ Yellow
Epoxy Color
4
○ Green
REF Surface Color
○ White


Similar Part No. - VFYQ-4041GX-40

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VFY1104B STANLEY-VFY1104B Datasheet
296Kb / 16P
   Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)
VFY1105W STANLEY-VFY1105W Datasheet
305Kb / 16P
   Single Color Dome Lens Type (High Reliability type, V-Series)
More results

Similar Description - VFYQ-4041GX-40

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-4041IX-00 FORYARD-FYQ-4041IX-00 Datasheet
368Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041AX-00 FORYARD-FYQ-4041AX-00 Datasheet
382Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041CX-00 FORYARD-FYQ-4041CX-00 Datasheet
380Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041EX-00 FORYARD-FYQ-4041EX-00 Datasheet
377Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4043AX-00 FORYARD-FYQ-4043AX-00 Datasheet
391Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4042AX-00 FORYARD-FYQ-4042AX-00 Datasheet
386Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041KX-00 FORYARD-FYQ-4041KX-00 Datasheet
381Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
logo
Kingbright Corporation
CC04-41SRWA KINGBRIGHT-CC04-41SRWA_06 Datasheet
142Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41EWA KINGBRIGHT-CC04-41EWA_06 Datasheet
128Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41GWA KINGBRIGHT-CC04-41GWA Datasheet
130Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com