Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI624G Datasheet(PDF) 1 Page - International Rectifier

Part # IRFI624G
Description  Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.4A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI624G Datasheet(HTML) 1 Page - International Rectifier

  IRFI624G Datasheet HTML 1Page - International Rectifier IRFI624G Datasheet HTML 2Page - International Rectifier IRFI624G Datasheet HTML 3Page - International Rectifier IRFI624G Datasheet HTML 4Page - International Rectifier IRFI624G Datasheet HTML 5Page - International Rectifier IRFI624G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFI624G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI624G VISHAY-IRFI624G Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 16-Jun-08
logo
International Rectifier
IRFI624GPBF IRF-IRFI624GPBF Datasheet
289Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFI624GPBF VISHAY-IRFI624GPBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 16-Jun-08
More results

Similar Description - IRFI624G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
IRFD224 IRF-IRFD224 Datasheet
467Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=0.63A)
IRFI734G IRF-IRFI734G Datasheet
241Kb / 8P
   Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
   Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
IRFD214 IRF-IRFD214 Datasheet
497Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)
IRFL214 IRF-IRFL214 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.79A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com