Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYQ-5241BX-33 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYQ-5241BX-33
Description  0.52Inch (13.20mm) digit height Four Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYQ-5241BX-33 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYQ-5241BX-33 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5241BX-33 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5241BX-33 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5241BX-33 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5241BX-33 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page: 1/5
FYQ-5241A/BX-XX
A
CUSTOMER APPROVED
SIGNATURES
■0.52Inch (13.20mm) digit height Four Digits Display
PRODUCT SPECIFICATION
Model No.:
:FYQ-5241A/BX-XX
Descriptions & Features:
■Case mold type.
■Easy mounting on P.C. board or socket.
■RoHS compliant.
■Low current operation
■Low power consumption.
CHECKED BY
APPROVED BY
Http://www.foryard.com
PREPARED BY


Similar Part No. - FYQ-5241BX-33

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-5241CX-00 FORYARD-FYQ-5241CX-00 Datasheet
371Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241CX-01 FORYARD-FYQ-5241CX-01 Datasheet
371Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241CX-02 FORYARD-FYQ-5241CX-02 Datasheet
371Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241CX-03 FORYARD-FYQ-5241CX-03 Datasheet
371Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241CX-04 FORYARD-FYQ-5241CX-04 Datasheet
371Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
More results

Similar Description - FYQ-5241BX-33

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-5241CX-00 FORYARD-FYQ-5241CX-00 Datasheet
371Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241GX-00 FORYARD-FYQ-5241GX-00 Datasheet
372Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241EX-00 FORYARD-FYQ-5241EX-00 Datasheet
369Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYQ-5241IX-00 FORYARD-FYQ-5241IX-00 Datasheet
371Kb / 5P
   0.52Inch (13.20mm) digit height Four Digits Display
FYD-5221AX-00 FORYARD-FYD-5221AX-00 Datasheet
398Kb / 5P
   0.52Inch (13.20mm) digit height Double Digits Display
FYT-5231EX-00 FORYARD-FYT-5231EX-00 Datasheet
532Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231GX-00 FORYARD-FYT-5231GX-00 Datasheet
526Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231CX-00 FORYARD-FYT-5231CX-00 Datasheet
516Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYT-5231AX-00 FORYARD-FYT-5231AX-00 Datasheet
529Kb / 5P
   0.52 Inch (13.20mm) digit height Three Digits Display
FYQ-3141AX-00 FORYARD-FYQ-3141AX-00 Datasheet
417Kb / 5P
   0.31Inch (8.00mm) digit height Four Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com