Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYT-2831AX-31 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYT-2831AX-31
Description  0.28 Inch (7.00mm) digit height Three Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYT-2831AX-31 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYT-2831AX-31 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-2831AX-31 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-2831AX-31 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-2831AX-31 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYT-2831AX-31 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model No.
Rev.
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page
5/5
Model No.
:FYT-2831A/BX-XX
Http://www.foryard.com
FYT-2831A/BX-XX
A
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYT-2831XX-XX
Qty: 8960 PCS
Date:xxxx/xx/xx
GW: 23KG
NW: 25KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
Part NO: FY T-2831XX-XX
Date:xxxx/xx/xx
Q'TY: 560 PCS
140PCS/Foam
4Foams/Bag
4Bags/Box
4Boxes/Carton
OUTSIDE LABEL
QC: QC
PASS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
56.0
36
.0
31
.0
54.0
17
.0
14
.5
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL


Similar Part No. - FYT-2831AX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-2832AX-00 FORYARD-FYT-2832AX-00 Datasheet
410Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
FYT-2832AX-01 FORYARD-FYT-2832AX-01 Datasheet
410Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
FYT-2832AX-02 FORYARD-FYT-2832AX-02 Datasheet
410Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
FYT-2832AX-03 FORYARD-FYT-2832AX-03 Datasheet
410Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
FYT-2832AX-04 FORYARD-FYT-2832AX-04 Datasheet
410Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
More results

Similar Description - FYT-2831AX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-2832AX-XX FORYARD-FYT-2832AX-XX Datasheet
410Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
FYS-2811CX-00 FORYARD-FYS-2811CX-00 Datasheet
409Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
FYS-2811AX-00 FORYARD-FYS-2811AX-00 Datasheet
414Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
logo
BetLux Electronics
BL-T28C-32 BETLUX-BL-T28C-32 Datasheet
332Kb / 5P
   7.00mm (0.28) Three digit numeric display series
logo
Ningbo Foryard Optoelec...
FYQ-2841OX-00 FORYARD-FYQ-2841OX-00 Datasheet
424Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841KX-00 FORYARD-FYQ-2841KX-00 Datasheet
418Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841MX-00 FORYARD-FYQ-2841MX-00 Datasheet
422Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYQ-2841AX-00 FORYARD-FYQ-2841AX-00 Datasheet
420Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
FYD-2821AX-00 FORYARD-FYD-2821AX-00 Datasheet
368Kb / 5P
   0.28Inch (7.00mm) digit height Double Digits Display
FYQ-2841IX-00 FORYARD-FYQ-2841IX-00 Datasheet
423Kb / 5P
   0.28Inch (7.00mm) digit height Four Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com