Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYQ-4043BX-24 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYQ-4043BX-24
Description  0.4Inch (10.16mm) digit height Four Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYQ-4043BX-24 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYQ-4043BX-24 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-4043BX-24 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-4043BX-24 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-4043BX-24 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-4043BX-24 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page: 3/5
Model No.:
:FYQ-4043A/BX-XX
Http://www.foryard.com
A
FYQ-4043A/BX-XX


Similar Part No. - FYQ-4043BX-24

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-4041AX-00 FORYARD-FYQ-4041AX-00 Datasheet
382Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041AX-01 FORYARD-FYQ-4041AX-01 Datasheet
382Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041AX-02 FORYARD-FYQ-4041AX-02 Datasheet
382Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041AX-03 FORYARD-FYQ-4041AX-03 Datasheet
382Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041AX-04 FORYARD-FYQ-4041AX-04 Datasheet
382Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
More results

Similar Description - FYQ-4043BX-24

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-4041IX-00 FORYARD-FYQ-4041IX-00 Datasheet
368Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041AX-00 FORYARD-FYQ-4041AX-00 Datasheet
382Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041CX-00 FORYARD-FYQ-4041CX-00 Datasheet
380Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041EX-00 FORYARD-FYQ-4041EX-00 Datasheet
377Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041GX-00 FORYARD-FYQ-4041GX-00 Datasheet
381Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4042AX-00 FORYARD-FYQ-4042AX-00 Datasheet
386Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041KX-00 FORYARD-FYQ-4041KX-00 Datasheet
381Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
logo
Kingbright Corporation
CC04-41SRWA KINGBRIGHT-CC04-41SRWA_06 Datasheet
142Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41EWA KINGBRIGHT-CC04-41EWA_06 Datasheet
128Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
CC04-41GWA KINGBRIGHT-CC04-41GWA Datasheet
130Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com