Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYQ-5642BX-31 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYQ-5642BX-31
Description  0.56Inch (14.20mm) digit height Four Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYQ-5642BX-31 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYQ-5642BX-31 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5642BX-31 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5642BX-31 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5642BX-31 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYQ-5642BX-31 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model No.
Rev.
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page: 5/5
Model No.:
:FYQ-5642A/BX-XX
Http://www.foryard.com
FYQ-5642A/BX-XX
A
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYQ-5642XX-XX
Qty: 2240 PCS
Date:xxxx/xx/xx
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
Part NO: FYQ-5642XX-XX
Date:xxxx/xx/xx
Q'TY: 140 PCS
35PCS/one foam
140PCS/4PCS foam
560PCS /4PCS Bag
2240PCS/4PCS Box
OUTSIDE LABEL
QC: QC
PASS
FORYARD
O P T O E L E C T R O N I C S
QC:
QC
PASS
xxxxxxxxxx
56.0
54.0
14
.5
RoHS
RoHS
RoHS
RoHS
GW: 18.4 KG
NW: 21
KG
OUTSIDE LABEL


Similar Part No. - FYQ-5642BX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-5642CX-00 FORYARD-FYQ-5642CX-00 Datasheet
382Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5642CX-01 FORYARD-FYQ-5642CX-01 Datasheet
382Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5642CX-02 FORYARD-FYQ-5642CX-02 Datasheet
382Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5642CX-03 FORYARD-FYQ-5642CX-03 Datasheet
382Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5642CX-04 FORYARD-FYQ-5642CX-04 Datasheet
382Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
More results

Similar Description - FYQ-5642BX-31

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYQ-5641CX-00 FORYARD-FYQ-5641CX-00 Datasheet
372Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5642CX-00 FORYARD-FYQ-5642CX-00 Datasheet
382Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5643CX-00 FORYARD-FYQ-5643CX-00 Datasheet
384Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5643EX-00 FORYARD-FYQ-5643EX-00 Datasheet
374Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5641EX-00 FORYARD-FYQ-5641EX-00 Datasheet
381Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5643GX-00 FORYARD-FYQ-5643GX-00 Datasheet
387Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5645AX-00 FORYARD-FYQ-5645AX-00 Datasheet
384Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYQ-5643AX-00 FORYARD-FYQ-5643AX-00 Datasheet
387Kb / 5P
   0.56Inch (14.20mm) digit height Four Digits Display
FYD-5621CX-00 FORYARD-FYD-5621CX-00 Datasheet
361Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
FYD-5621EX-00 FORYARD-FYD-5621EX-00 Datasheet
357Kb / 5P
   0.56Inch (14.20mm) digit height Double Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com