Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-2811AX-04 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-2811AX-04
Description  0.28 Inch (7.00mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-2811AX-04 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-2811AX-04 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-2811AX-04 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-2811AX-04 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-2811AX-04 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-2811AX-04 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.45[.019]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
3. Bending
≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page
2/5
Color
Number
4
○ Green
REF Surface Color
○ White
Epoxy Color
○ YAG
Http://www.foryard.com
FYS-2811A/BX-X5
A
0
Model No.
:FYS-2811A/BX-X5
5


Similar Part No. - FYS-2811AX-04

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-2811AX-0 FORYARD-FYS-2811AX-0 Datasheet
324Kb / 4P
   LED DIGIT DISPLAY
FYS-2811AX-0 FORYARD-FYS-2811AX-0 Datasheet
341Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-2811AX-04

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYT-2832AX-XX FORYARD-FYT-2832AX-XX Datasheet
410Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
FYS-2811CX-00 FORYARD-FYS-2811CX-00 Datasheet
409Kb / 5P
   0.28 Inch (7.00mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-C281RD-B BRIGHT-BS-C281RD-B Datasheet
134Kb / 3P
   0.28(7.00MM)single DIGIT LED DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-2831AX-00 FORYARD-FYT-2831AX-00 Datasheet
430Kb / 5P
   0.28 Inch (7.00mm) digit height Three Digits Display
logo
Lite-On Technology Corp...
LTS2301AP LITEON-LTS2301AP Datasheet
121Kb / 5P
   0.28 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
LIGITEK electronics co....
LSD215-62U-XX-PF LIGITEK-LSD215-62U-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-65-XX-PF LIGITEK-LSD215-65-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-HF LIGITEK-LSD215-61-XX-HF Datasheet
119Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD235-62-XX LIGITEK-LSD235-62-XX Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
LSD215-61-XX-PF LIGITEK-LSD215-61-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com