Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B0940082EV Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B0940082EV
Description  8-Port Serial Console-Terminal Server with built-in
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B0940082EV Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B0940082EV Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B0940082EV Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B0940082EV Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ENVIRONMENTAL
Operating Temperature Range
Ambient operating temperature: -35C to 74C (-31F to 165F)
Storage Temperature Range
Non operating storage temperature: -40C to 85C (-40F to 185F)
Relative Humidity
5% to 90%
BTUs
120V / 17.06
Power Consumption (Watts)
5
CONNECTIONS
Ports
8
Other Ports - Port 1
RJ45 LAN x 2
Other Ports - Port 2
USB x 2
CERTIFICATIONS
Approvals
FCC Part 15 A, UL 1950, CE (EN55022 A, EN55024, EN60950), TUV, C-Tick
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3


Similar Part No. - B0940082EV

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B0940082EMF TRIPPLITE-B0940082EMF Datasheet
503Kb / 3P
   8-Port Serial Console-Terminal Server
More results

Similar Description - B0940082EV

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B094-008-2E-V TRIPPLITE-B094-008-2E-V Datasheet
503Kb / 3P
   8-Port Serial Console/Terminal Server with built-in Cellular Modem
B0940082EMF TRIPPLITE-B0940082EMF Datasheet
503Kb / 3P
   8-Port Serial Console-Terminal Server
B094-008-2E-M-F TRIPPLITE-B094-008-2E-M-F Datasheet
501Kb / 3P
   8-Port Serial Console/Terminal Server
B096016 TRIPPLITE-B096016 Datasheet
487Kb / 3P
   16-Port Serial Console-Terminal Server
B096-016 TRIPPLITE-B096-016 Datasheet
486Kb / 4P
   16-Port Serial Console/Terminal Server
B096-032 TRIPPLITE-B096-032 Datasheet
481Kb / 4P
   32-Port Serial Console/Terminal Server
B096-048 TRIPPLITE-B096-048 Datasheet
482Kb / 4P
   48-Port Serial Console/Terminal Server
B096032 TRIPPLITE-B096032 Datasheet
482Kb / 3P
   32-Port Serial Console-Terminal Server
B096048 TRIPPLITE-B096048 Datasheet
483Kb / 3P
   48-Port Serial Console-Terminal Server
B0950031EM TRIPPLITE-B0950031EM Datasheet
527Kb / 3P
   3-Port IP Serial Console-Terminal Server Built-in Modem for Out-of-Band Access
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com