Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16663 Datasheet(PDF) 5 Page - NEC

Part # UPD16663
Description  240-OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16663 Datasheet(HTML) 5 Page - NEC

  UPD16663 Datasheet HTML 1Page - NEC UPD16663 Datasheet HTML 2Page - NEC UPD16663 Datasheet HTML 3Page - NEC UPD16663 Datasheet HTML 4Page - NEC UPD16663 Datasheet HTML 5Page - NEC UPD16663 Datasheet HTML 6Page - NEC UPD16663 Datasheet HTML 7Page - NEC UPD16663 Datasheet HTML 8Page - NEC UPD16663 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Data Sheet S13392EJ1V0DS00
5
µµµµPD16663
(10) Data latch (1)
Latches 240-pixel data read from RAM.
(11) Data latch (2)
Latches 240-pixel data in synchronization with the STB signal.
(12) Level shifter
Converts the internal circuit operating voltage (3.3 V) to the voltage required by the LCD driver and row
driver interface (5 V).
(13) DEC
Decodes the gray scale display data into the corresponding LCD drive voltages V0, V1, and V2.
(14) LCD driver circuit
Creates the voltage to be applied to the LCD by selecting one of LCD drive power supplies V0, V1, or V2,
according to the gray scale data and display off signal (/DOFF).
(15) Self-diagnostic circuit
Automatically detects any mismatch between the operation timings of the master and slave chips cause by
noise, etc., and issues a refresh signal to all the column drivers.
•••• Address Map Image (Half VGA Size)
Column direction specified with A7 to A0
Y1
Y1
Y1
L1
L160
L1
L160
No. 0
No. 2
No. 1
No. 3
Y240
Y240
Y240
Y240
Y1
Address increases in this direction
Address increases in this direction
Line direction specified
with A16 to A8


Similar Part No. - UPD16663

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16663 RENESAS-UPD16663 Datasheet
476Kb / 42P
   MOS INTEGRATED CIRCUITS
1999
UPD16663N-051 RENESAS-UPD16663N-051 Datasheet
476Kb / 42P
   MOS INTEGRATED CIRCUITS
1999
UPD16663N-XXX RENESAS-UPD16663N-XXX Datasheet
476Kb / 42P
   MOS INTEGRATED CIRCUITS
1999
More results

Similar Description - UPD16663

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16662 NEC-UPD16662 Datasheet
260Kb / 36P
   240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM
UPD16661A NEC-UPD16661A Datasheet
187Kb / 36P
   160-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
UPD16664 NEC-UPD16664 Datasheet
347Kb / 52P
   144/160/184/208-OUTPUT LCD COLUMN SEGMENT DRIVER WITH RAM
logo
List of Unclassifed Man...
HM17CM4096 ETC2-HM17CM4096 Datasheet
1Mb / 67P
   128XRGBX162 OUTPUT LCD DRIVER IC with built-in RAM
logo
Hynix Semiconductor
HM17CM256 HYNIX-HM17CM256 Datasheet
2Mb / 111P
   128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
   LCD Segment (Column) Driver CMOS
logo
Sharp Corporation
LH1548 SHARP-LH1548 Datasheet
139Kb / 18P
   240-output LCD Segment Driver IC
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
   240 Output LCD Segment/Common Driver
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
   240 Output LCD Segment/Common Driver
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com