Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P134000 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P134000
Description  DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P134000 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P134000 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P134000 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
Cable Length (in.)
6
CONNECTIONS
Connector A
DISPLAYPORT (MALE)
Connector B
DVI-I (FEMALE)
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - P134000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P134000DVIV2 TRIPPLITE-P134000DVIV2 Datasheet
512Kb / 2P
   DisplayPort 1.2 to DVI Compact Adapter Converter (DP-Male to DVI-I Female)
P134000VGAV2 TRIPPLITE-P134000VGAV2 Datasheet
519Kb / 2P
   DisplayPort 1.2 to VGA Compact Adapter Converter (DP-Male to VGA-Female)
More results

Similar Description - P134000

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P134-000 TRIPPLITE-P134-000 Datasheet
158Kb / 2P
   DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F
P134-003 TRIPPLITE-P134-003 Datasheet
160Kb / 2P
   DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F, 3-ft.
P134000DVIV2 TRIPPLITE-P134000DVIV2 Datasheet
512Kb / 2P
   DisplayPort 1.2 to DVI Compact Adapter Converter (DP-Male to DVI-I Female)
P134-000-50BK TRIPPLITE-P134-000-50BK Datasheet
160Kb / 3P
   DisplayPort to DVI Cable Adapter, Converter for DP-M to DVI-I-F, 1920 x 1200 (1080p), 6 in., 50 Pack
P134-000-DVI-V2 TRIPPLITE-P134-000-DVI-V2 Datasheet
167Kb / 2P
   DisplayPort 1.2 to DVI Compact Adapter Converter (DP-Male to DVI Female)
P126000 TRIPPLITE-P126000 Datasheet
502Kb / 2P
   DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
P126-000 TRIPPLITE-P126-000 Datasheet
167Kb / 2P
   DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
P13706NDVI TRIPPLITE-P13706NDVI Datasheet
481Kb / 2P
   Mini DisplayPort to DVI Adapter, Video Converter for Mac/PC, 1920x1200-1080p (Mini DP to DVI-I M-F),6-in
P120000 TRIPPLITE-P120000 Datasheet
491Kb / 2P
   DVI to VGA Cable Adapter (DVI-I Analog to HD15 M-F)
P13706NDVIV2 TRIPPLITE-P13706NDVIV2 Datasheet
493Kb / 2P
   Mini DisplayPort 1.2 to DVI Adapter Converter (Mini-DP Male to DVI-I Female), 6-in.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com