Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK-409 Datasheet(PDF) 3 Page - TEMEX

Part # RK-409
Description  For this product, full and detailed specifications can be delivered on request
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RK-409 Datasheet(HTML) 3 Page - TEMEX

  RK-409 Datasheet HTML 1Page - TEMEX RK-409 Datasheet HTML 2Page - TEMEX RK-409 Datasheet HTML 3Page - TEMEX RK-409 Datasheet HTML 4Page - TEMEX RK-409 Datasheet HTML 5Page - TEMEX RK-409 Datasheet HTML 6Page - TEMEX RK-409 Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Space Oven Controlled Crystal Oscillator
RK 409
10
-9 Stability class OCXO
April, 2nd 2012
Specifications subject to change without notice
Shortform, 51001182.110, Issue A1
3 / 7
www.rakon.com
3.2.
Option GP (General Purpose)
Parameters
Conditions/Remarks
Min
Typ
Max
Unit
Nominal Frequency
10
40
MHz
Steady state input
current power
Vacuum @ -20°C
3
W
Warm up supply power
7
W
Initial frequency
accuracy
Frequency pulling
Option 2
± 10
ppb
Frequency adjustment
Positive slope
± 500
ppb
Option A
± 0.5
ppb
Option B
± 1
ppb
Frequency stability vs
temperature
Option C
± 10
ppb
Frequency variation vs.
supply voltage
Over Operating
Temperature
± 0.1
ppb
Frequency variation vs.
load
Over Operating
Temperature
± 0.1
ppb
Frequency variation vs
pressure
± 50
ppb
Over 1 year
± 20
ppb
Frequency ageing
(10 MHz)
Over 15 years
± 150
ppb
1s
1.E-12
Allan variance
10s
2.E-12
Frequency warm up
30
mn
Output waveform
Sine
Output level
EOL
2
10
dBm
Harmonics level
and subharmonics
-30
dBc
Non harmonics level
-85
dBc
1 Hz
-105
dBc/Hz
10 Hz
-135
dBc/Hz
100 Hz
-145
dBc/Hz
1kHz
-150
dBc/Hz
Phase noise
10 kHz
-155
dBc/Hz
4. Mechanical features
Package
name
Description
Dimensions
Wheight
PT1
Pin Through
Hole
50x50x30 mm
SS1
Sub-D+SMA
50x55x30 mm


Similar Part No. - RK-409

ManufacturerPart #DatasheetDescription
logo
TEMEX
RK-408 TEMEX-RK-408 Datasheet
348Kb / 2P
   For this product, full and detailed specifications can be delivered on request
More results

Similar Description - RK-409

ManufacturerPart #DatasheetDescription
logo
TEMEX
TE200 TEMEX-TE200 Datasheet
145Kb / 5P
   For this product, full and detailed specifications can be delivered on request
TE310 TEMEX-TE310 Datasheet
139Kb / 5P
   For this product, full and detailed specifications can be delivered on request
RK-408 TEMEX-RK-408 Datasheet
348Kb / 2P
   For this product, full and detailed specifications can be delivered on request
TE400 TEMEX-TE400 Datasheet
172Kb / 5P
   For this product, full detailed specifications can be delivered on request
TE300 TEMEX-TE300 Datasheet
225Kb / 5P
   For this product, a full detailed specification can also be delivered on request
RK115 TEMEX-RK115 Datasheet
379Kb / 4P
   For this product, a full detailed specification can also be delivered on request
RK-410 TEMEX-RK-410 Datasheet
194Kb / 6P
   For this product family, a full detailed specification can also be delivered on request
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
   Specific request can be addressed to RAKON
LNO-320-B1 TEMEX-LNO-320-B1 Datasheet
417Kb / 3P
   Specific request can be addressed to RAKON
LNO-500-B1 TEMEX-LNO-500-B1 Datasheet
412Kb / 3P
   Specific request can be addressed to RAKON
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com