Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFIBE20G Datasheet(PDF) 4 Page - International Rectifier

Part # IRFIBE20G
Description  Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIBE20G Datasheet(HTML) 4 Page - International Rectifier

  IRFIBE20G Datasheet HTML 1Page - International Rectifier IRFIBE20G Datasheet HTML 2Page - International Rectifier IRFIBE20G Datasheet HTML 3Page - International Rectifier IRFIBE20G Datasheet HTML 4Page - International Rectifier IRFIBE20G Datasheet HTML 5Page - International Rectifier IRFIBE20G Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - IRFIBE20G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFIBE20G VISHAY-IRFIBE20G Datasheet
1Mb / 8P
   Power MOSFET
S-81275-Rev. A, 16-Jun-08
logo
Inchange Semiconductor ...
IRFIBE20G ISC-IRFIBE20G Datasheet
319Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFIBE20G VISHAY-IRFIBE20G Datasheet
915Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFIBE20GPBF IRF-IRFIBE20GPBF Datasheet
988Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFIBE20GPBF VISHAY-IRFIBE20GPBF Datasheet
1Mb / 8P
   Power MOSFET
S-81275-Rev. A, 16-Jun-08
More results

Similar Description - IRFIBE20G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBE20 IRF-IRFBE20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)
IRFBG20 IRF-IRFBG20 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFPE40 IRF-IRFPE40 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
IRFR1N60A IRF-IRFR1N60A Datasheet
227Kb / 9P
   Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFPE50 IRF-IRFPE50 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
IRFIBE30G IRF-IRFIBE30G Datasheet
142Kb / 5P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com