Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF2026RJ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAF2026RJ
Description  Silicon N Channel Power MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2026RJ Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAF2026RJ_15 Datasheet HTML 1Page - Renesas Technology Corp HAF2026RJ_15 Datasheet HTML 2Page - Renesas Technology Corp HAF2026RJ_15 Datasheet HTML 3Page - Renesas Technology Corp HAF2026RJ_15 Datasheet HTML 4Page - Renesas Technology Corp HAF2026RJ_15 Datasheet HTML 5Page - Renesas Technology Corp HAF2026RJ_15 Datasheet HTML 6Page - Renesas Technology Corp HAF2026RJ_15 Datasheet HTML 7Page - Renesas Technology Corp HAF2026RJ_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HAF2026RJ
Preliminary
R07DS0122EJ0300 Rev.3.00
Page 5 of 7
Sep 01, 2010
12
10
8
6
4
2
0
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
0.001
Shutdown Time of Lord-Short Test
PW (S)
200
180
160
140
120
0
Gate to Source Voltage VGS (V)
100
246
8
10
ID = 0.2 A
Shutdown Case Temperature vs.
Gate to Source Voltage
0.01
0.1
1
VDD = 16 V
24 V
2.0
1.5
1
0.5
25
50
75
100
125
150
0
IAP = 0.6 A
VDD = 25 V
duty < 0.1 %
Rg > 50
Ω
Channel Temperature Tch (
°C)
Avalanche Energy vs.
Channel Temperature Derating
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
5 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
Avalanche Test Circuit
Avalanche Waveform
EAR =
• L • IAP2
2
1
VDSS
VDSS – VDD


Similar Part No. - HAF2026RJ_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF2026RJ RENESAS-HAF2026RJ_10 Datasheet
113Kb / 8P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAF2026RJ_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com