Electronic Components Datasheet Search |
|
UPD16666A Datasheet(PDF) 6 Page - NEC |
|
UPD16666A Datasheet(HTML) 6 Page - NEC |
6 / 16 page 6 PPPPPD16666A ELECTRICAL SPECIFICATIONS Absolute Maximum Ratings (TA = 25 qqqqC, VSS = 0 V) Parameter Symbol Condition Ratings Unit Supply Voltage VCC1 –0.5 to +6.5 V VDD – VEE VCC1 d VDD, VEE d VSS 40 V1 VEE – 0.5 to VDD + 0.5 Input Voltage VI1 Other than the DIR pin –0.5 to VCC1 + 0.5 VI2 DIR pin VEE – 0.5 to VDD + 0.5 Output Voltage VO VEE – 0.5 to +VDD + 0.5 Operating Temperature TA –20 to +70 qC Storage Temperature Tstg –40 to +125 Recommended Operating Range (TA = ðððð20 to +70 qqqqC, VSS = 0 V) Parameter Symbol Condition MIN. TYP. MAX. Unit Supply Voltage VCC1 4.75 5.25 V VDD – VEE VCC1 d VDD, VEE d VSS 20 36 V1 0 3 Input Voltage VI1 Other than DIR pin 0 VCC1 VI2 DIR pin VEE VDD DC Characteristics (unless otherwise specified, VCC1 = 4.75 to 5.25 V, VDD ðððð (VEE) = 20 to 31 V, VCC1 dddd VDD, VEE dddd VSS, V1 = 0 to 3 V, VSS = 0 V, TA = ðððð 20 to òòòò70 qqqqC) Parameter Symbol Condition MIN. TYP. MAX. Unit High-Level Input Voltage VIH1 Other than the DIR pin 0.8 VCC1 V VIH2 DIR pin VDD ð0.3 (VDD–VEE) Low-Level Input Voltage VIL1 Other than the DIR pin 0.2 VCC1 VIL2 DIR pin VEE+0.3 (VDD–VEE) Driver ON Resistance RON Load current = 100 PA 1.0 2.0 k : Input Leakage Current IIH1 VIN = VCC, other than the DIR pin 1.0 PA IIH2 VIN = VDD, DIR pin 25 IIL1 VIN = 0 V, other than the DIR pin –1.0 IIL2 VIN = VEE, DIR pin –25 Current Consumption ICC1 Frame frequency 70 Hz at 200 320 PA IDD operation 120 210 |
Similar Part No. - UPD16666A |
|
Similar Description - UPD16666A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |