Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK34BL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SK34BL
Description  3.0AMP Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SK34BL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SK34BL_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SK34BL_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
* Ideal for surface mount applications
SK34BL
VOLTAGE 40V
Low VF & Low Ir Types
3.0AMP Surface Mount Schottky Barrier Rectifiers
FEATURES
* Easy pick and place
* Built-in strain relief
* Super low forward voltage drop & Low Ir
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at
3.0A
-50
+150
A
A
V
mA
mA
V
V
V
UNITS
-25
+125
5
SK
34BL
40
40
40
90
3
0.4
2
0.1
Maximum DC Reverse Current
Ta=25
at Rated DC Blocking Voltage
Ta=80
Operating
Storage Temperature Range TSTG
Temperature Range TJ
~
~
*DevicemountedonFR-4PCB0.013mm.
R
θ
J A
Thermal Resistance, Junction to Ambient *
75
/W
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.
102 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 2
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.096(2.44)
.083(2.13)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.
DO-214AA(SMB)
Dimensions in inches and (millimeters)
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SK34BL_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SK34BL_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK34BL SECOS-SK34BL Datasheet
750Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SK34AL ETC2-SK34AL Datasheet
331Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32L ETC2-SK32L Datasheet
240Kb / 3P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SK32A LUGUANG-SK32A Datasheet
176Kb / 2P
   3.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK32L SECOS-SK32L Datasheet
482Kb / 3P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
SK34AL SECOS-SK34AL Datasheet
331Kb / 2P
   3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
   3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Shenzhen Luguang Electr...
SSL32 LUGUANG-SSL32 Datasheet
205Kb / 2P
   3.0AMP. Surface Mount Low VF Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com