Electronic Components Datasheet Search |
|
SM220B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
SM220B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page Elektronische Bauelemente SM220B THRU SM2100B VOLTAGE 20V ~ 100V 2.0 AMP Surface Mount Schottky Barrier Rectifiers DO-214AA (SMB) FEATURES . RoHS Compliant Product . Ideal for surface mount applications . Easy pick and place . Built-in strain relief . Low forward voltage drop MECHANICAL DATA . Case: Molded plastic . Epoxy: UL 94V-0 rate flame retardant . Metallurgically bonded construction . Polarity: Color band denotes cathode end . Mounting position:Any . Weight: 0.102 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C O ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage V Working Peak Reverse Voltage V Maximum DC Blocking Voltage SM220B 20 20 20 SM240B 40 40 40 SM260B 60 60 60 SM2100B 100 100 100 V See Fig. 1 2.0 A (JEDEC method) 60 A Maximum Instantaneous Forward Voltage at 2.0A 0.52 V Maximum DC Reverse Current Ta=25 =100 C C 0.2 0.65 0.1 10 At Rated DC Blocking Voltage Ta 15 0.83 0.1 4 mA UNITS Maximum Average Forward Rectified Current, Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load Typical Junction Capacitance (Note 1) 170 pF Typical Thermal Resistance R JA (Note 2) 24 / W Operating Temperature Range TJ - 50 ~ + 150 Storage Temperature Range TSTG - 65 ~ + 175 NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Valid provided that terminals are kept at ambient temperature. http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual .220(5.59) .200(5.08) .185(4.70) .160(4.06) .012(0.31) .006(0.15) .083(2.11) .075(1.91) .096(2.44) .083(2.13) .050(1.27) .030(0.76) .155(3.94) .130(3.30) .008 (.203) MAX. Dimens ions in inches and (millimeters ) 01-Jun-2009 Rev. C Page 1 of 2 RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free SM230B 30 30 30 |
Similar Part No. - SM220B_15 |
|
Similar Description - SM220B_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |