Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM320C
Description  3.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM320C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM320C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM320C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM320C~SM3100C
Voltage 20V~ 100V
3.0 Amp Schottky Barrier Rectifiers
16-Oct-2012 Rev.C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
RoHS Compliant Product
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case:Molded Plastic
Epoxy:UL 94V-0 Rate Flame Retardant
Metallurgically bonded construction
Polarity:Color Band Denotes Cathode End
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMC
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SM320C
SM340C
SM360C
SM3100C
Unit
Peak Repetitive Peak reverse voltage
VRRM
20
40
60
100
V
Working Peak Reverse Voltage
VRSM
20
40
60
100
V
Maximum DC Blocking Voltage
VDC
20
40
60
100
V
Maximum Average Forward Current, See Fig. 1
IF
3
Peak Forward Surge Current @ 8.3 ms Half
Sine-Wave superimposed on rated load (JEDEC
method)
IFSM
80
A
Maximum Instantaneous Forward Voltage@ IF=3A
VF
0.5
0.65
0.8
V
TJ=25°C
0.2
Maximum DC Reverse Current
At Rated DC Blocking Voltage
3
TJ=100°C
IR
20
mA
Typical Junction Capacitance
1
CJ
300
pF
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V / μS
Typical Thermal Resistance
2
RθJC
25
°C / W
Typical Thermal Resistance
4
RθJL
20
°C / W
Operating and Storage Temperature Range
TJ, TSTG
-50 ~ 150
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0 V D.C.
2.
Thermal Resistance Junction to Case
3.
Pulse Test:Pulse Width = 300 μs, Duty Cycle
2.0%.
4.
Thermal Resistance Junction to Lead.
SMC
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.75
3.15
E
-
0.203
B
6.60
7.11
F
7.75
8.13
C
5.59
6.22
G
0.76
1.27
D
2.00
2.62
H
0.15
0.31


Similar Part No. - SM320C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C31 TI1-SM320C31 Datasheet
1Mb / 55P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31GFAM40 TI-SM320C31GFAM40 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31GFAM40 TI1-SM320C31GFAM40 Datasheet
1Mb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31GFAM40 TI1-SM320C31GFAM40 Datasheet
1Mb / 55P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31GFAM50 TI-SM320C31GFAM50 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SM320C_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_11 Datasheet
102Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Formosa MS
SR320P FORMOSA-SR320P Datasheet
62Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR3200 SECOS-SR3200_05 Datasheet
147Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
First Components Intern...
SMC320 FCI-SMC320 Datasheet
127Kb / 2P
   3.0 Amp SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3200B SECOS-SM3200B_15 Datasheet
89Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR3100.VF0.751 DGNJDZ-SR3100.VF0.751 Datasheet
239Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-751-DO-27 DGNJDZ-SR3100-3A-751-DO-27 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3100-3A-DO-27 DGNJDZ-SR3100-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3200V-3A-DO-27 DGNJDZ-SR3200V-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR360-3A-DO-27 DGNJDZ-SR360-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
1N5820U DYELEC-1N5820U Datasheet
708Kb / 2P
   3.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com