Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM520A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM520A
Description  5.0 A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM520A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM520A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM520A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SM520A
VOLTAGE 20 V
5.0 A Schottky Barrier Rectifiers
22-Apr-2014 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - SM520A_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
SeCoS Halbleitertechnol...
SM520AF SECOS-SM520AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
SM520AF SECOS-SM520AF Datasheet
242Kb / 2P
   5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
AiT Semiconductor Inc.
SM520AF AITSEMI-SM520AF Datasheet
416Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV1.0
More results

Similar Description - SM520A_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5100C SECOS-SM5100C Datasheet
293Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C_10 Datasheet
240Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM5200C SECOS-SM5200C_10 Datasheet
197Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM520A SECOS-SM520A Datasheet
305Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM5100C SECOS-SM5100C_15 Datasheet
293Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM540ZT SECOS-SM540ZT_15 Datasheet
116Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Bruckewell Technology L...
SB52-SB56 BWTECH-SB52-SB56 Datasheet
357Kb / 4P
   5.0 Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR5100 SECOS-SR5100_09 Datasheet
378Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5150 SECOS-SR5150_11 Datasheet
186Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K Datasheet
238Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com