Electronic Components Datasheet Search |
|
P500006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
P500006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved |
1 / 2 page VGA Coax Monitor Extension Cable, High Resolution Cable with RGB Coax (HD15 M/F), 6-ft. MODEL NUMBER: P500-006 Description Tripp Lite's 6 foot XVGA/SVGA/VGA monitor extension cable is the gold standard in video cables. The mini-coax (RGB) and paired video wire construction delivers superior signal quality. Gold plated connectors and gold plated copper contacts ensure excellent conductivity. Double shielding (foil and braid) provides maximum EMI/RFI protection. Both the high density DB15 male and high density DB15 female connectors are molded and have integral strain relief to ensure they last a long time. Features Superior molded cables with foil and braid shielding for maximum EMI/RFI protection Constructed from mini-coax (RGB) and paired video wire construction for superior signal quality Up to 2048 x 1536 resolution support Gold plated connectors and gold plated copper contacts ensure excellent conductivity HD15 male to HD15 female molded connectors Specifications OVERVIEW Chromebook Compatible No Style Monitor Cables Model Type VGA Cable Types MONITOR INPUT Cable Length (ft.) 6 Highlights Superior molded cables with foil and braid shielding for maximum EMI/RFI protection Constructed from mini-coax (RGB) and paired video wire construction for superior signal quality Gold plated connectors and gold plated copper contacts System Requirements Monitor with HD15 cable Package Includes 6-ft. XVGA/SVGA/VGA Monitor Extension Cable HD15M to HD15F 1 / 2 |
Similar Part No. - P500006 |
|
Similar Description - P500006 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |