Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA41-800B Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # BTA41-800B
Description  40A TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA41-800B Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  BTA41-800B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA41-800B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA41-800B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA41-800B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA41-800B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA41-800B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Table 7: Product Selector
Figure 11: TOP3 (Insulated and non insulated) Package Mechanical Data
Part Numbers
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA40-xxxB
X
X
50 mA
Standard
RD91
BTA41-xxxBRG
X
X
50 mA
Standard
TOP3 Ins.
BTB41-xxxBRG
X
X
50 mA
Standard
TOP3
BTB: non insulated TOP3 package
BT A 40 - 600 B RG
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
40 = 40A in RD91
41 = 40A in TOP3
600 = 600V
800 = 800V
B = 50mA Standard
RG = Tube
Blank = Bulk
R
H
K
G
F
E
D
B
A
C
JJ
P
ØL
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60 0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
3.4
3.65
0.134
0.144
ØL
4.08
4.17
0.161
0.164
P
1.20
1.40
0.047
0.055
R
4.60
0.181
BTA40, BTA41 and BTB41 Series
Figure 10: Ordering Information Scheme
2014-6-16
www.kersemi.com
5


Similar Part No. - BTA41-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA41-800B STMICROELECTRONICS-BTA41-800B Datasheet
85Kb / 7P
   40A TRIACs
BTA41-800B STMICROELECTRONICS-BTA41-800B Datasheet
74Kb / 5P
   STANDARD TRIACS
logo
Tiger Electronic Co.,Lt...
BTA41-800B TGS-BTA41-800B Datasheet
38Kb / 1P
   40A TRIACS
logo
STMicroelectronics
BTA41-800B STMICROELECTRONICS-BTA41-800B Datasheet
95Kb / 7P
   40A TRIACS
logo
WeEn Semiconductors
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
More results

Similar Description - BTA41-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
logo
Tiger Electronic Co.,Lt...
TPDV1240 TGS-TPDV1240 Datasheet
204Kb / 1P
   40A TRIACS
logo
Kersemi Electronic Co.,...
BTA41-700B KERSEMI-BTA41-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA41-600B KERSEMI-BTA41-600B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-600B KERSEMI-BTA40-600B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
80810 STMICROELECTRONICS-80810 Datasheet
95Kb / 7P
   40A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA41-600B TGS-BTA41-600B Datasheet
87Kb / 1P
   40A TRIACS
BTA41-800B TGS-BTA41-800B Datasheet
38Kb / 1P
   40A TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com