Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYM-40571AXX-23 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-40571AXX-23
Description  4.0 inch (106.50mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-40571AXX-23 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-40571AXX-23 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-40571AXX-23 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-40571AXX-23 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-40571AXX-23 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-40571AXX-23 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model No.
Rev.
■ Packing Diagram
Note: The specifications are subject to change without notice. Please contact us for updated information.
Page: 5/5
FYM-40571A/BXX-XX
A
Http://www.foryard.com
Model No.:
:FYM-40571A/BXX-XX
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYM-40571XX-XX
Qty: 144 PCS
Date:xxxx/xx/xx
GW: 23KG
NW: 25KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
Part NO: FYM-40571XX-XX
Date:xxxx/xx/xx
Q'TY: 9 PCS
3PCS/Foam
3Foams/Bag
4Bags/Box
4Boxes/Carton
OUTSIDE LABEL
QC: QC
PASS
FORYARD
O P T O E L E C T R O N I C S
QC:
QC
PASS
xxxxxxxxxx
56.0
54.0
14
.5
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL


Similar Part No. - FYM-40571AXX-23

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-40571AX-00 FORYARD-FYM-40571AX-00 Datasheet
449Kb / 5P
   4.0 inch (106.50mm) Matrix height, Dot Matrix Display
FYM-40571AX-01 FORYARD-FYM-40571AX-01 Datasheet
449Kb / 5P
   4.0 inch (106.50mm) Matrix height, Dot Matrix Display
FYM-40571AX-02 FORYARD-FYM-40571AX-02 Datasheet
449Kb / 5P
   4.0 inch (106.50mm) Matrix height, Dot Matrix Display
FYM-40571AX-03 FORYARD-FYM-40571AX-03 Datasheet
449Kb / 5P
   4.0 inch (106.50mm) Matrix height, Dot Matrix Display
FYM-40571AX-04 FORYARD-FYM-40571AX-04 Datasheet
449Kb / 5P
   4.0 inch (106.50mm) Matrix height, Dot Matrix Display
More results

Similar Description - FYM-40571AXX-23

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-40571AX-00 FORYARD-FYM-40571AX-00 Datasheet
449Kb / 5P
   4.0 inch (106.50mm) Matrix height, Dot Matrix Display
FYM-40571CX-00 FORYARD-FYM-40571CX-00 Datasheet
494Kb / 5P
   4.0 inch (106.50mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M40A571 BETLUX-BL-M40A571 Datasheet
352Kb / 5P
   106.50mm (4.0) :u10.0 dot matrix LED display
BL-M40C571 BETLUX-BL-M40C571 Datasheet
369Kb / 5P
   106.50mm (4.0) :u10.0 dot matrix LED display
logo
Kingbright Corporation
TC40-11GWA KINGBRIGHT-TC40-11GWA Datasheet
218Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TC40-11SRWA KINGBRIGHT-TC40-11SRWA Datasheet
219Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TA40-11YWA KINGBRIGHT-TA40-11YWA Datasheet
219Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA40-11EGWA KINGBRIGHT-TBA40-11EGWA Datasheet
258Kb / 5P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TBC40-11EGWA KINGBRIGHT-TBC40-11EGWA Datasheet
258Kb / 5P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
TBC40-12EGWA KINGBRIGHT-TBC40-12EGWA Datasheet
263Kb / 5P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com