Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSO2520X Datasheet(PDF) 1 Page - TEMEX

Part # RSO2520X
Description  Low power consumption
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RSO2520X Datasheet(HTML) 1 Page - TEMEX

  RSO2520X Datasheet HTML 1Page - TEMEX RSO2520X Datasheet HTML 2Page - TEMEX RSO2520X Datasheet HTML 3Page - TEMEX RSO2520X Datasheet HTML 4Page - TEMEX RSO2520X Datasheet HTML 5Page - TEMEX RSO2520X Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RSO2520X
-------
SMD Clock Oscillator
-------
-------
Standard clock oscillator in low profile 2.5 x 2.0 mm surface mount package
-------
Product description
-------
The RSO2520X is a CMOS oscillator that operates at standard voltages from 1.8 to 3.3V to
address the tight stability requirements of computing processors and commercial networking
applications. Hundreds of industry standard frequency configurations are available for
immediate sampling and reduced production inventory levels.
-------
Applications
Automotive
Mobile communications
Consumer
Industrial
Medical equipment
-------
Features
Low cost
Low power consumption
Fast sample turnaround
1.7 to 3.6V operating voltage
Extended temperature range
-------
Specifications
-----
1.0
SPECIFICATION REFERENCES
Line
Parameter
Description
1.1
Model Description
RSO2520X
1.2
Reference Number
1.3
Rakon Part Number
-----
2.0
FREQUENCY CHARACTERISTICS
Line
Parameter
Test Condition
Value
Unit
2.1
Frequency
2 to 50
MHz
2.2
Operating
Temperature Range
-40°C to 125°C upon request
-20 to 70
°C
2.3
Frequency Stability
Including initial tolerance, temperature range, supply variation,
load variation
±25 to 100
ppm
2.4
Frequency Aging
First year at 25°C
±3
ppm
-----
3.0
POWER SUPPLY
Line
Parameter
Test Condition
Value
Unit
3.1
Supply Voltage (VDD)
With a tolerance of ±5% (10% for 3.3V)
1.8 to 3.3
V
3.2
Supply Current
For LVCMOS
3 to 20
mA
3.3
Standby Current
15
µA
-----
4.0
OUTPUT CHARACTERISTICS(1.8V operation)
Line
Parameter
Test Condition
Value
Unit
4.1
Output Voltage (Vol)
15pF load
20 max
%VDD
4.2
Output Voltage (Voh)
15pF load
80 min
%VDD
4.3
Duty Cycle
@ 50% VDD
40 to 60
%
4.4
Rise Time/Fall Time
80%/20%
5 max
ns
4.5
Cycle to Cycle Jitter
(Jcc)
@ 100 MHz
80 max
ps
Page 1


Similar Part No. - RSO2520X

ManufacturerPart #DatasheetDescription
logo
TEMEX
RSO2520Z TEMEX-RSO2520Z Datasheet
476Kb / 7P
   Low height profile
More results

Similar Description - RSO2520X

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com