Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSO2520Z Datasheet(PDF) 3 Page - TEMEX

Part # RSO2520Z
Description  Low height profile
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RSO2520Z Datasheet(HTML) 3 Page - TEMEX

  RSO2520Z Datasheet HTML 1Page - TEMEX RSO2520Z Datasheet HTML 2Page - TEMEX RSO2520Z Datasheet HTML 3Page - TEMEX RSO2520Z Datasheet HTML 4Page - TEMEX RSO2520Z Datasheet HTML 5Page - TEMEX RSO2520Z Datasheet HTML 6Page - TEMEX RSO2520Z Datasheet HTML 7Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
9.0
MANUFACTURING INFORMATION
Line
Parameter
Description
9.1
Packaging Description
Tape and Reel. Standard packing quantity is 1000/3000 per D180 mm reel
9.2
Reflow
Solder reflow process as per attached profile
-------
Page 3


Similar Part No. - RSO2520Z

ManufacturerPart #DatasheetDescription
logo
TEMEX
RSO2520X TEMEX-RSO2520X Datasheet
493Kb / 6P
   Low power consumption
More results

Similar Description - RSO2520Z

ManufacturerPart #DatasheetDescription
logo
TEMEX
RSX5032C TEMEX-RSX5032C Datasheet
362Kb / 4P
   Low height profile
logo
E&E Magnetic Products L...
833-00088F EEMAGNETIC-833-00088F Datasheet
535Kb / 2P
   Low profile(Height: 5.3mm Max)
833-00006F EEMAGNETIC-833-00006F Datasheet
535Kb / 2P
   Low profile(Height: 5.3mm Max)
logo
First Silicon Co., Ltd
LB6S FS-LB6S Datasheet
158Kb / 2P
   Low Profile: Typical height of 1.4mm
logo
ALPS ELECTRIC CO.,LTD.
SKRB ALPS-SKRB_15 Datasheet
773Kb / 3P
   0.55mm Height Low-profile (Surface Mount Type)
logo
MMD Components
WC146SM MMD-WC146SM_18 Datasheet
118Kb / 2P
   Ultra Low Profile with 1.4mm Height max
logo
Yamaichi Electronics Co...
ZS6A-06-G2 YAMAICHI-ZS6A-06-G2 Datasheet
62Kb / 1P
   180째 SMT Low Profile Socket (Height 2.5mm)
logo
FCI connector
52400 FCI-CONNECTOR-52400 Datasheet
145Kb / 2P
   L04 STANDARD READER LOW PROFILE 6.5mm HEIGHT
logo
List of Unclassifed Man...
SIC73 ETC1-SIC73 Datasheet
317Kb / 1P
   Low Profile (2.5mm max, height) SMD type
logo
ALPS ELECTRIC CO.,LTD.
SKQR ALPS-SKQR Datasheet
180Kb / 3P
   0.5mm Height Low-profile (Surface Mount Type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com