Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P27042-1 Datasheet(PDF) 1 Page - DB Unlimited.

Part # P27042-1
Description  Released from Engineering
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBUNLIMITED [DB Unlimited.]
Direct Link  http://www.dbunlimitedco.com/
Logo DBUNLIMITED - DB Unlimited.

P27042-1 Datasheet(HTML) 1 Page - DB Unlimited.

  P27042-1 Datasheet HTML 1Page - DB Unlimited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sales@dbunlimitedco.com | www.dbunlimitedco.com
©2013, DB Unlimited
Sheet
1 of 1
Unit
Version
Date
Approved
(Hz)
1
10/21/2013
J.S
(Ohm)
(V)
(pF)
°C
°C
Drawn by
Date
Checked by
Date
Approved by
Date
A.B.
10/21/2013
C.E.
10/21/2013
J.S
10/21/2013
Insert Graphics
Revision History
Specifications
Max Input Voltage
Capacitance
P27042-1
Piezo Bender
Resonant Frequency
Description
Storage Temperature
Operating Temperature
Resonant Impedance (Max)
Plate Material
1) All dimensions are in mm unless otherwise noted
Value
4,200
-20 ~ +70
2) All parts meet RoHS
-20 ~ +60
Description
Released from Engineering
Notes
Brass
18,000
30
500


Similar Part No. - P27042-1

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
P27040-1 DBUNLIMITED-P27040-1 Datasheet
551Kb / 1P
   Released from Engineering
P27040-2 DBUNLIMITED-P27040-2 Datasheet
549Kb / 1P
   Released from Engineering
More results

Similar Description - P27042-1

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
   RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
   RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
   RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
   RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
   RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
   RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
   RELEASED FROM ENGINEERING
SMI-1324-TW-5V-R PUI-SMI-1324-TW-5V-R Datasheet
153Kb / 1P
   RELEASED FROM ENGINEERING
logo
DB Unlimited.
IE122303-1 DBUNLIMITED-IE122303-1 Datasheet
300Kb / 1P
   Released from Engineering
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com