Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P502025P Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P502025P
Description  VGA Coax Monitor Cable, Plenum-Rated High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P502025P Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P502025P Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P502025P Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
Cable Length (ft.)
25
Cable Length (m)
7.62
PHYSICAL
Color
Black
CONNECTIONS
Connector A
HD15 (MALE)
Connector B
HD15 (MALE)
Number of Connectors
2
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - P502025P

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502025 TRIPPLITE-P502025 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
P502025RA TRIPPLITE-P502025RA Datasheet
479Kb / 2P
   VGA Coax Right-Angle Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
More results

Similar Description - P502025P

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P502050P TRIPPLITE-P502050P Datasheet
491Kb / 2P
   VGA Coax Monitor Cable, Plenum-Rated High Resolution cable with RGB coax (HD15 M-M), 50-ft
P502025 TRIPPLITE-P502025 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 25-ft
P504025P TRIPPLITE-P504025P Datasheet
478Kb / 2P
   VGA Coax Monitor Cable with Audio, Plenum-Rated High Resolution Cable with RGB Coax (HD15 and 3.5mm M-M), 25-ft
P500100P TRIPPLITE-P500100P Datasheet
482Kb / 2P
   VGA Coax Monitor Extension Cable, Plenum Rated High Resolution Cable with RGB Coax (HD15 M/F),100-ft
P502010 TRIPPLITE-P502010 Datasheet
489Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 10-ft
P502006 TRIPPLITE-P502006 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 6-ft
P502035 TRIPPLITE-P502035 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 35-ft
P502100 TRIPPLITE-P502100 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M-M), 100-ft
P502001 TRIPPLITE-P502001 Datasheet
485Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M), 1-ft
P502075 TRIPPLITE-P502075 Datasheet
490Kb / 2P
   VGA Coax Monitor Cable, High Resolution Cable with RGB Coax (HD15 M/M) 75-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com