Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP22N50A Datasheet(PDF) 3 Page - International Rectifier

Part # IRFP22N50A
Description  Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=22A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP22N50A Datasheet(HTML) 3 Page - International Rectifier

  IRFP22N50A Datasheet HTML 1Page - International Rectifier IRFP22N50A Datasheet HTML 2Page - International Rectifier IRFP22N50A Datasheet HTML 3Page - International Rectifier IRFP22N50A Datasheet HTML 4Page - International Rectifier IRFP22N50A Datasheet HTML 5Page - International Rectifier IRFP22N50A Datasheet HTML 6Page - International Rectifier IRFP22N50A Datasheet HTML 7Page - International Rectifier IRFP22N50A Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFP22N50A
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.01
0.1
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
1
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
0.1
1
10
100
4.0
5.0
6.0
7.0
8.0
9.0
10.0
V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
22A


Similar Part No. - IRFP22N50A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP22N50A VISHAY-IRFP22N50A Datasheet
281Kb / 8P
   Power MOSFET
S-81264-Rev. A, 21-Jul-08
IRFP22N50A VISHAY-IRFP22N50A Datasheet
319Kb / 9P
   Power MOSFET
Rev. C, 14-Mar-11
logo
Inchange Semiconductor ...
IRFP22N50A ISC-IRFP22N50A Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP22N50A VISHAY-IRFP22N50A Datasheet
342Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP22N50A VISHAY-IRFP22N50A Datasheet
321Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFP22N50A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA22N50A IRF-IRFBA22N50A Datasheet
106Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.23ohm, Id=24A)
IRFP22N50APBF IRF-IRFP22N50APBF Datasheet
191Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.23廓 , ID = 22A )
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFPS37N50A IRF-IRFPS37N50A Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com