Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0323JPD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK0323JPD
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0323JPD Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK0323JPD_15 Datasheet HTML 1Page - Renesas Technology Corp RJK0323JPD_15 Datasheet HTML 2Page - Renesas Technology Corp RJK0323JPD_15 Datasheet HTML 3Page - Renesas Technology Corp RJK0323JPD_15 Datasheet HTML 4Page - Renesas Technology Corp RJK0323JPD_15 Datasheet HTML 5Page - Renesas Technology Corp RJK0323JPD_15 Datasheet HTML 6Page - Renesas Technology Corp RJK0323JPD_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK0323JPD
Preliminary
R07DS0334EJ0100 Rev.1.00
Page 4 of 6
Apr 18, 2011
50
40
30
20
10
0
20
16
12
8
4
10
20
30
40
50
0
Gate Charge Qg (nC)
Dynamic Input Characteristics
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Channel Temperature Tch (
°C)
Avalanche Energy vs.
Channel Temperature Derating
Tc = 25
°C
ID = 30 A
VDS
VDD = 25 V
10 V
5 V
50
40
30
20
10
0
0.4
0.8
1.21.6
2.0
Tc = 25
°C
Pulse Test
VGS = 0, −5 V
10 V
100
80
60
40
20
2550
75
100
125
150
0
Case Temperature Tc (
°C)
Static Drain to Source On State Resistance
vs. Temperature
20
−500
50
100
150
0
5
15
10
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
0
5
10
15
20
25
30
10000
1000
10
100
VGS
VDD = 25 V
10 V
5 V
IAP = 30 A
VDD = 25 V
duty < 0.1 %
Rg
≥ 50 Ω
Tc = 25
°C
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
VGS = 10 V
4.5 V
Pulse Test
ID = 15 A


Similar Part No. - RJK0323JPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0323JPD RENESAS-RJK0323JPD Datasheet
121Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK0323JPD_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com