Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P520006 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P520006
Description  Serial DB9 Serial Extension Cable, Straight Through (DB9 M-F), 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P520006 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P520006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P520006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Serial DB9 Serial Extension Cable, Straight Through
(DB9 M/F), 6-ft.
MODEL NUMBER: P520-006
Description
This Tripp Lite cable extends a RS-232 Serial cable by an additional 6 feet. Foil-shielding construction provides maximum EMI/RFI protection. The DB9 female
and DB9 male connectors are molded with built-in strain relief to ensure that the cable last a long time.
Features
Superior molded cables with foil-shielding for maximum EMI/RFI protection
DB9 (male) to DB9 (female)
Specifications
OVERVIEW
Chromebook Compatible
No
Model Type
VGA
Cable Types
MONITOR
INPUT
Cable Length (ft.)
6
Cable Length (m)
1.83
PHYSICAL
Color
Gray
CONNECTIONS
Highlights
Superior molded cables with
foil-shielding for maximum
EMI/RFI protection
Package Includes
6-ft. RS-232 Serial Extension
DB9F to DB9M
1 / 2


Similar Part No. - P520006

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P5200 ETAL-P5200 Datasheet
139Kb / 4P
   Digital Isolation Transformer
logo
TEKTRONIX, INC.
P5200 TEKTRONIX-P5200 Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
P5200A ETC2-P5200A Datasheet
338Kb / 6P
   High-voltage Differential Probes
logo
PFC Device Inc.
P5200A PFC-P5200A Datasheet
693Kb / 5P
   5A 200V MOS Schottky Rectifier
logo
List of Unclassifed Man...
P5200A ETC2-P5200A Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
More results

Similar Description - P520006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P520-006 TRIPPLITE-P520-006 Datasheet
171Kb / 2P
   Serial DB9 Serial Extension Cable, Straight Through (DB9 M/F), 6-ft.
P454006 TRIPPLITE-P454006 Datasheet
473Kb / 2P
   Null Modem Serial DB9 Serial Cable (DB9 M-F), 6-ft
P450006 TRIPPLITE-P450006 Datasheet
482Kb / 2P
   Null Modem Serial DB9 Serial Cable (DB9 F-F), 6-ft
P456-006 TRIPPLITE-P456-006 Datasheet
165Kb / 2P
   Null Modem Serial DB9 Serial Cable (DB9 to DB25 F/M), 6-ft.
P456006 TRIPPLITE-P456006 Datasheet
505Kb / 2P
   Null Modem Serial DB9 Serial Cable (DB9 to DB25 F-M), 6-ft
P450010 TRIPPLITE-P450010 Datasheet
489Kb / 2P
   Null Modem Serial DB9 Serial Cable (DB9 F-F), 10-ft
P450-010 TRIPPLITE-P450-010 Datasheet
162Kb / 2P
   Null Modem Serial DB9 Serial Cable (DB9 F/F), 10-ft.
P454-006 TRIPPLITE-P454-006 Datasheet
479Kb / 3P
   Null Modem Serial RS232 Cable (DB9 M/F) 6-ft
P450-006 TRIPPLITE-P450-006 Datasheet
487Kb / 3P
   Null Modem Serial RS232 Cable (DB9 F/F) 6-ft.
logo
Silicon Laboratories
USB-MSD-RD SILABS-USB-MSD-RD Datasheet
1Mb / 20P
   Straight DB9 serial cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com