Electronic Components Datasheet Search |
|
SM2020D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
SM2020D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page Elektronische Bauelemente SM2020D~SM20100D Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers 03-Jan-2014 Rev.E Page 1 of 2 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. RoHS Compliant Product A suffix of “-C” specifies halogen & lead-free FEATURES Low forward voltage drop High current capability High reliability High surge current capability Epitaxial construction MECHANICAL DATA Case: Molded plastic Epoxy: UL94V-0 rate flame retardant Lead: Lead solderable per MIL-STD-202 method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 1.6 grams PACKAGE INFORMATION MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, de-rate current by 20%.) Part Number Parameter Symbol SM2020D SM2040D SM2060D SM20100D Unit Maximum Repetitive Peak Reverse Voltage VRRM 20 40 60 100 V Maximum RMS Voltage VRMS 20 40 60 100 V Maximum DC Blocking Voltage VDC 20 40 60 100 V Maximum Average Forward Rectified Current IF 20 A Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load IFSM 200 A Maximum Instantaneous Forward Voltage @ 10A VF 0.57 0.68 0.85 V TA=25°C 0.3 0.15 0.1 Maximum Reverse Current at Rated VR Per Diode TA=100°C IR 45 22.5 7.5 mA Typical Junction Capacitance 1 CJ 700 460 280 pF Typical Thermal Resistance 2 RθJC 6 °C / W Operating & Storage Temperature TJ ,TSTG -55~150 °C Notes: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Case. FR4 Board Heat sink size: 10*10*0.2mm. Package MPQ Leader Size TO-263 0.8K 13 inch TO-263(D 2-PACK) Millimeter Millimeter REF. Min. Max. REF. Min. Max. A 4.00 4.85 c2 1.10 1.65 b 0.51 1.00 b2 1.34 REF L4 0.00 0.30 D 8.0 9.65 C 0.30 0.74 e 2.54 REF L3 1.50 REF L 14.6 15.88 L1 1.78 2.79 L2 1.27 REF E 9.60 10.67 |
Similar Part No. - SM2020D_15 |
|
Similar Description - SM2020D_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |