Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0406JPE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0406JPE
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0406JPE Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0406JPE_15 Datasheet HTML 1Page - Renesas Technology Corp RJK0406JPE_15 Datasheet HTML 2Page - Renesas Technology Corp RJK0406JPE_15 Datasheet HTML 3Page - Renesas Technology Corp RJK0406JPE_15 Datasheet HTML 4Page - Renesas Technology Corp RJK0406JPE_15 Datasheet HTML 5Page - Renesas Technology Corp RJK0406JPE_15 Datasheet HTML 6Page - Renesas Technology Corp RJK0406JPE_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0406JPE
Preliminary
R07DS0335EJ0200 Rev.2.00
Page 3 of 6
Dec 19, 2011
Main Characteristics
200
160
120
80
40
05
10
110
1
0.1
1000
100
10
VGS = 8 V
10 V
08
416
12
6
4
2
0
20
10
8
200
150
100
50
0
50
100
150
200
1000
100
10
1
0.1
0.01
0.001
01
2
3
5
4
VGS = 4.4 V
10 V
Tc = 175
°C
25
°C
−40°C
8 V
5 V
Tc = 175
°C
25
°C
−40°C
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Drain Current ID (A)
Static Drain to Source On State Resistance
vs. Drain Current
Gate to Source Voltage VGS (V)
Static Drain to Source On State Resistance vs.
Gate to Source Voltage
Power vs. Temperature Derating
Case Temperature
Tc (°C)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
ID = 80 A
Pulse Test
VDS = 10 V
Pulse Test
Tc = 25
°C
Pulse Test
Tc = 25
°C
Pulse Test
0.01
100
10
0.1
1
0.1
1
10
100
1000
DC Operation
Tc = 25
°C
1 shot Pulse
Operation
in this area
is limited R
DS(on)


Similar Part No. - RJK0406JPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0406JPE RENESAS-RJK0406JPE Datasheet
93Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK0406JPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com