Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP2907 Datasheet(PDF) 4 Page - International Rectifier

Part # IRFP2907
Description  Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP2907 Datasheet(HTML) 4 Page - International Rectifier

  IRFP2907 Datasheet HTML 1Page - International Rectifier IRFP2907 Datasheet HTML 2Page - International Rectifier IRFP2907 Datasheet HTML 3Page - International Rectifier IRFP2907 Datasheet HTML 4Page - International Rectifier IRFP2907 Datasheet HTML 5Page - International Rectifier IRFP2907 Datasheet HTML 6Page - International Rectifier IRFP2907 Datasheet HTML 7Page - International Rectifier IRFP2907 Datasheet HTML 8Page - International Rectifier IRFP2907 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRFP2907
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
100
200
300
400
500
600
700
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
125A
V
= 37V
DS
V
= 60V
DS
0.1
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 175 C
J
°
10
100
1000
10000
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 175 C
= 25 C
°
°
J
C
V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
VDS, Drain-to-Source Voltage (V)
0
4000
8000
12000
16000
20000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd


Similar Part No. - IRFP2907

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP2907 IRF-IRFP2907 Datasheet
18Kb / 1P
   HEXFET Power MOSFET Die in Wafer Form
logo
Kersemi Electronic Co.,...
IRFP2907 KERSEMI-IRFP2907 Datasheet
826Kb / 9P
   Integrated Starter Alternator
logo
Inchange Semiconductor ...
IRFP2907 ISC-IRFP2907 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
   AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRFP2907PBF IRF-IRFP2907PBF Datasheet
224Kb / 9P
   Advanced Process Technology
More results

Similar Description - IRFP2907

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
   AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
   Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRF1407 IRF-IRF1407 Datasheet
127Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRF2807 IRF-IRF2807 Datasheet
207Kb / 8P
   Power MOSFET(Vdss=75V, Id=82A??
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com