Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR4AS-16LH Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR4AS-16LH
Description  Triac Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR4AS-16LH Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR4AS-16LH_15 Datasheet HTML 1Page - Renesas Technology Corp BCR4AS-16LH_15 Datasheet HTML 2Page - Renesas Technology Corp BCR4AS-16LH_15 Datasheet HTML 3Page - Renesas Technology Corp BCR4AS-16LH_15 Datasheet HTML 4Page - Renesas Technology Corp BCR4AS-16LH_15 Datasheet HTML 5Page - Renesas Technology Corp BCR4AS-16LH_15 Datasheet HTML 6Page - Renesas Technology Corp BCR4AS-16LH_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0331EJ0100 Rev.1.00
Page 1 of 6
Apr 28, 2011
Preliminary Datasheet
BCR4AS-16LH
Triac
Medium Power Use
Features
• I
T (RMS) : 4 A
• V
DRM : 800 V
• I
FGTI, IRGTI, IRGT III : 35 mA or 10mA(IGT item:1)
• High Commutation
• The Product guaranteed maximum junction
temperature 150
°C
• Non-Insulated Type
• Planar Type
Outline
2, 4
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
4. T2 Terminal
RENESAS Package code: PRSS0004ZG-A
(Package name : MP-3A)
1
3
4
2
Applications
Switching mode power supply, small motor control, heater control, and other general purpose AC power control
applications
Maximum Ratings
Voltage class
Parameter
Symbol
16
Unit
Repetitive peak off-state voltage
Note1
VDRM
800
V
Non-repetitive peak off-state voltage
Note1
VDSM
960
V
Notes: 1. Gate open.
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
4
A
Commercial frequency, sine full wave
360
°conduction, Tc = 129°C Note3
Surge on-state current
ITSM
30
A
60 Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusion
I
2t
3.7
A
2s
Value corresponding to 1 cycle of half
wave 60 Hz, surge on-state current
Peak gate power dissipation
PGM
3
W
Average gate power dissipation
PG (AV)
0.3
W
Peak gate voltage
VGM
10
V
Peak gate current
IGM
2
A
Junction Temperature
Tj
–40 to +150
°C
Storage temperature
Tstg
–40 to +150
°C
Mass
0.32
g
Typical value
R07DS0331EJ0100
Rev.1.00
Apr 28, 2011


Similar Part No. - BCR4AS-16LH_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR4AS-16LH-1-B00 RENESAS-BCR4AS-16LH-1-B00 Datasheet
116Kb / 7P
   Triac Medium Power Use
BCR4AS-16LH-1T13-B00 RENESAS-BCR4AS-16LH-1T13-B00 Datasheet
116Kb / 7P
   Triac Medium Power Use
More results

Similar Description - BCR4AS-16LH_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR2PM-14LE RENESAS-BCR2PM-14LE Datasheet
87Kb / 7P
   Triac Medium Power Use
BCR16PM-12LG RENESAS-BCR16PM-12LG_07 Datasheet
132Kb / 8P
   Triac Medium Power Use
BCR20KM-12L RENESAS-BCR20KM-12L Datasheet
117Kb / 7P
   Triac Medium Power Use
BCR8KM-20LA RENESAS-BCR8KM-20LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR5LM-12LB RENESAS-BCR5LM-12LB_15 Datasheet
117Kb / 8P
   Triac Medium Power Use
BCR5LM-14LD RENESAS-BCR5LM-14LD_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR8PM-20LA RENESAS-BCR8PM-20LA_15 Datasheet
102Kb / 8P
   Triac Medium Power Use
BCR12LM-16LH RENESAS-BCR12LM-16LH_15 Datasheet
124Kb / 8P
   Triac Medium Power Use
BCR16PM-16LH RENESAS-BCR16PM-16LH_15 Datasheet
100Kb / 8P
   Triac Medium Power Use
BCR16RM-12LB RENESAS-BCR16RM-12LB_15 Datasheet
148Kb / 10P
   Triac Medium Power Use
BCR12LM-14LB RENESAS-BCR12LM-14LB_15 Datasheet
111Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com