Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5200DS Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM5200DS
Description  5Amp. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5200DS Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM5200DS_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5200DS_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SM5200DS
VOLTAGE 200 V
5Amp. Schottky Barrier Rectifiers
20-Mar-2014 Rev. C
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - SM5200DS_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5200DS SECOS-SM5200DS Datasheet
227Kb / 2P
   VOLTAGE 200 V 5Amp. Schottky Barrier Rectifiers
More results

Similar Description - SM5200DS_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5150DS SECOS-SM5150DS_15 Datasheet
284Kb / 2P
   5Amp. Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
MBR05200J3 CYSTEKEC-MBR05200J3 Datasheet
257Kb / 7P
   5Amp. Schottky Barrier Rectifiers
MBR05100AJ3 CYSTEKEC-MBR05100AJ3 Datasheet
246Kb / 8P
   5Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM5200DS SECOS-SM5200DS Datasheet
227Kb / 2P
   VOLTAGE 200 V 5Amp. Schottky Barrier Rectifiers
SM5150DS SECOS-SM5150DS Datasheet
129Kb / 2P
   VOLTAGE 150 V 5Amp. Schottky Barrier Rectifiers
logo
Shanghai Lunsure Electr...
SR502 CHENYI-SR502 Datasheet
49Kb / 2P
   5Amp schottky barrier rectifier 50to100 volts
logo
Cystech Electonics Corp...
MUR0560F2 CYSTEKEC-MUR0560F2 Datasheet
231Kb / 4P
   5Amp. Ultrafast Plastic Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SKM0545ULD CYSTEKEC-SKM0545ULD Datasheet
392Kb / 5P
   5Amp. MOS BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com