Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP3415 Datasheet(PDF) 3 Page - International Rectifier

Part # IRFP3415
Description  Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP3415 Datasheet(HTML) 3 Page - International Rectifier

  IRFP3415 Datasheet HTML 1Page - International Rectifier IRFP3415 Datasheet HTML 2Page - International Rectifier IRFP3415 Datasheet HTML 3Page - International Rectifier IRFP3415 Datasheet HTML 4Page - International Rectifier IRFP3415 Datasheet HTML 5Page - International Rectifier IRFP3415 Datasheet HTML 6Page - International Rectifier IRFP3415 Datasheet HTML 7Page - International Rectifier IRFP3415 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFP3415
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
10
100
1000
1
10
100

20us PULSE WIDTH
T = 25 C
J
o

TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.5V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
10
100
1000
1
10
100

20us PULSE WIDTH
T = 175 C
J
o

TOP
BOTTOM
VGS
15V
10V
8.0V
7.0V
6.0V
5.5V
5.5V
4.5V
V
, Drain-to-Source Voltage (V)
DS
4.5V
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
o


V
=
I =
GS
D
10V
37A
5.0V
5.0V
10
100
1000
4
5
6
7
8
9
10

V
= 50V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS

T = 25 C
J
°

T = 175 C
J
°


Similar Part No. - IRFP3415

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFP3415 ISC-IRFP3415 Datasheet
333Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP3415PBF IRF-IRFP3415PBF Datasheet
166Kb / 9P
   HEXFET짰 Power MOSFET
IRFP3415PBF IRF-IRFP3415PBF Datasheet
167Kb / 9P
   Advanced Process Technology
IRFP3415PBF IRF-IRFP3415PBF_15 Datasheet
167Kb / 9P
   Advanced Process Technology
More results

Similar Description - IRFP3415

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF3415S IRF-IRF3415S Datasheet
156Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF5N3415 IRF-IRF5N3415 Datasheet
117Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.042ohm, Id=37.5A)
IRFIZ34E IRF-IRFIZ34E Datasheet
114Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
IRFRU6215 IRF-IRFRU6215 Datasheet
141Kb / 10P
   Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com