Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM20150D Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM20150D
Description  20A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM20150D Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM20150D_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM20150D_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SM20150D
Voltage 150 V
20A Schottky Barrier Rectifiers
03-Jan-2014 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - SM20150D_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM20150D SECOS-SM20150D Datasheet
124Kb / 2P
   20 AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM20150D_15

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
   20A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
   20A Schottky Barrier Rectifiers
SM20200D SECOS-SM20200D Datasheet
308Kb / 2P
   20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
MBR2040CT FRONTIER-MBR2040CT Datasheet
528Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR2045FCT MORESEMI-MBR2045FCT Datasheet
710Kb / 2P
   20A Schottky Barrier Rectifiers
logo
Frontier Electronics.
F20S45-THRU-F20S50 FRONTIER-F20S45-THRU-F20S50 Datasheet
497Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR20100CT MORESEMI-MBR20100CT Datasheet
770Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20200CT MORESEMI-MBR20200CT Datasheet
894Kb / 2P
   20A Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com