Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16682 Datasheet(PDF) 11 Page - NEC

Part # UPD16682
Description  1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16682 Datasheet(HTML) 11 Page - NEC

Back Button UPD16682 Datasheet HTML 7Page - NEC UPD16682 Datasheet HTML 8Page - NEC UPD16682 Datasheet HTML 9Page - NEC UPD16682 Datasheet HTML 10Page - NEC UPD16682 Datasheet HTML 11Page - NEC UPD16682 Datasheet HTML 12Page - NEC UPD16682 Datasheet HTML 13Page - NEC UPD16682 Datasheet HTML 14Page - NEC UPD16682 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet S13368EJ3V0DS00
11
µµµµ PD16682
4. PIN I/O CIRCUITS AND RECOMMENDED CONNECTION OF UNUSED PINS
The input/output circuit type of each pin and recommended connection of unused pins are shown in the following
table.
Pin Name
I/O
Recommended Connection of Unused Pins
Notes
P,/S
Input
Mode setting pin
1
/CS1
Input
Connect to VSS
CS2
Input
Connect to VDD
/RD(E)
Input
Connect to VDD (80 series interface),
connect to VDD or VSS (serial interface)
/WR (R,/W)
Input
Connect to VDD or VSS (serial interface)
C86
Input
Mode setting pin
1
D0 to D5
Input/Output
Leave open (when using serial interface)
4
D6 (SCL)
Input/Output
D7 (SI)
Input/Output
A0
Input
Data/command setting pin
2
TESTOUT
Output
Leave open
/RES
Input
Connect to VDD
CLS
Input
Mode setting pin
1
FR
Input/Output
Leave open (when using master mode, M,/S = H)
FRS
Output
Leave open
/DOF
Input/Output
Leave open (when using master mode, M,/S = H)
M,/S
Input
Mode setting pin
1
CL
Input/Output
Display clock
3
HPM
Input
Mode setting pin
1
IRS
Input
Mode setting pin
1
TEST1
Input
Leave open
4
TEST2
Input
Leave open
4
TEST3
Input
Leave open
4
TEST4
Output
Leave open
TEST5
Output
Leave open
Notes 1. Connect to VDD or VSS according to the selected mode.
2. Input microcontroller output from VDD or VSS according to the selected register.
3. This pin is an output when M,/S = H and CLS = H but should otherwise be used to input the display clock.
4. These pins are pulled down to VSS in the IC.


Similar Part No. - UPD16682

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16682 RENESAS-UPD16682 Datasheet
557Kb / 58P
   MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
UPD16682A RENESAS-UPD16682A Datasheet
544Kb / 58P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD16682AP NEC-UPD16682AP Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Renesas Technology Corp
UPD16682AP RENESAS-UPD16682AP Datasheet
544Kb / 58P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16682

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
NEC
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
   1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD161401 NEC-UPD161401 Datasheet
647Kb / 124P
   256-COLOR, 1/80-DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16686 NEC-UPD16686 Datasheet
788Kb / 99P
   1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
UPD16488A NEC-UPD16488A Datasheet
2Mb / 91P
   1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
UPD16498 NEC-UPD16498 Datasheet
697Kb / 95P
   1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
UPD16680 NEC-UPD16680 Datasheet
290Kb / 44P
   1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
logo
List of Unclassifed Man...
NT7502 ETC1-NT7502 Datasheet
2Mb / 54P
   65 X 132 RAM-Map LCD Controller / Driver
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
   132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
logo
NEC
UPD16434 NEC-UPD16434 Datasheet
314Kb / 39P
   1/8, 1/16 DUTY LCD CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com