Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP360LC Datasheet(PDF) 7 Page - International Rectifier

Part # IRFP360LC
Description  Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP360LC Datasheet(HTML) 7 Page - International Rectifier

  IRFP360LC Datasheet HTML 1Page - International Rectifier IRFP360LC Datasheet HTML 2Page - International Rectifier IRFP360LC Datasheet HTML 3Page - International Rectifier IRFP360LC Datasheet HTML 4Page - International Rectifier IRFP360LC Datasheet HTML 5Page - International Rectifier IRFP360LC Datasheet HTML 6Page - International Rectifier IRFP360LC Datasheet HTML 7Page - International Rectifier IRFP360LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRFP360LC
Fig 14. For N-Channel HEXFETS
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
*
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRFP360LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP360LC VISHAY-IRFP360LC Datasheet
260Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 24-Jun-08
IRFP360LC VISHAY-IRFP360LC Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 14-Mar-11
logo
Inchange Semiconductor ...
IRFP360LC ISC-IRFP360LC Datasheet
325Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP360LC VISHAY-IRFP360LC Datasheet
1Mb / 11P
   Power MOSFET
09-Jul-2021
IRFP360LC VISHAY-IRFP360LC Datasheet
311Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFP360LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
IRFI360 IRF-IRFI360 Datasheet
210Kb / 8P
   TRANSISTOR N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRLZ14SL IRF-IRLZ14SL Datasheet
291Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=10A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFL4310 IRF-IRFL4310 Datasheet
313Kb / 9P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A)
IRFD014 IRF-IRFD014 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A)
IRFL014 IRF-IRFL014 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)
IRF360 IRF-IRF360 Datasheet
139Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A)
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com