Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYM-12571GXX-41 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-12571GXX-41
Description  1.2 inch (39.10mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-12571GXX-41 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-12571GXX-41 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12571GXX-41 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12571GXX-41 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12571GXX-41 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12571GXX-41 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.51[.020]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1°unless otherwise noted.
3. Bending≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page: 2/5
FYM-12571G/HXX-XX
A
Http://www.foryard.com
0
Epoxy Color
Color
Number
Model No.:
:FYM-12571G/HXX-XX
○ Water Clear
4
○ Green
○ Yellow
REF Surface Color
○ White


Similar Part No. - FYM-12571GXX-41

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-12571GXX-41 FORYARD-FYM-12571GXX-41 Datasheet
473Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
More results

Similar Description - FYM-12571GXX-41

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-12571CX-00 FORYARD-FYM-12571CX-00 Datasheet
478Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
FYM-12571EX-00 FORYARD-FYM-12571EX-00 Datasheet
473Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
FYM-12571AXX-00 FORYARD-FYM-12571AXX-00 Datasheet
487Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M12A571 BETLUX-BL-M12A571 Datasheet
351Kb / 5P
   39.10mm (1.2) u3.0 dot matrix LED display
logo
Ningbo Foryard Optoelec...
FYM-12571AX-00 FORYARD-FYM-12571AX-00 Datasheet
463Kb / 5P
   1.2inch (39.10mm) Matrix height, Dot Matrix Display
FYM-12572AX-00 FORYARD-FYM-12572AX-00 Datasheet
423Kb / 5P
   1.2 inch (31.80mm) Matrix height, Dot Matrix Display
FYM-12591AX-00 FORYARD-FYM-12591AX-00 Datasheet
442Kb / 5P
   1.2 inch (39.00mm) Matrix height, Dot Matrix Display
FYM-12883AX-00 FORYARD-FYM-12883AX-00 Datasheet
456Kb / 5P
   1.2 inch (31.70mm) Matrix height, Dot Matrix Display
FYM-12573AX-00 FORYARD-FYM-12573AX-00 Datasheet
381Kb / 5P
   1.2 inch (42.00mm) Matrix height, Dot Matrix Display
FYM-12883AXX-00 FORYARD-FYM-12883AXX-00 Datasheet
516Kb / 5P
   1.2 inch (31.70mm) Matrix height, Dot Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com