Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYM-12571GXX-02 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-12571GXX-02
Description  1.2 inch (39.10mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-12571GXX-02 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-12571GXX-02 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12571GXX-02 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12571GXX-02 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12571GXX-02 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-12571GXX-02 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
FYM-12571G/HXX-XX
A
Value
Reverse Voltage
VR
Unit
Test Condition
(Ta=25℃)
IF
■ Absolute maximum ratings
Model No.:
:FYM-12571G/HXX-XX
Symbol
GaAsP
2.50
AlGaAs/DH
650nm
Tstr
Dice
Material
Operating Temperature
Max
2.50
+85
+85
Storage Temperature
Topr
(Ta=25℃)
Max
Emitting Color
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
100
V
Pd
mA
mW
30
Power Dissipation
mA
150
IR=30
Par ameter
2.50
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
Forward
Voltage(VF) Unit:V
AlGaAs/SH
660nm
700nm
GaP
14~18
570nm
590nm
15~20
14~20
Standard brightness
610nm
13~18
2.50
2.50
26~38
13~18
625nm
1
Luminous
Intensity
(Iv)
Unit:mcd
2.50
GaAsP
GaAsP
2.50
0.7~1(mw)
60~120
20~30
InGaN
AlGaInP
640nm
30~60
430nm
6~12(mw)
4.40
X=0.29,Y=0.30
3.80
635nm
2.50
3.80
Ultra brightness
460nm
520nm
InGaN
470nm
590nm
520nm
505nm
AlGaInP
180~200
30~60~80
260~310
260~310
UB
460nm
3.80
InGaN
X=0.29,Y=0.30
625nm
60nm
InGaN
AlGaInP
60~100
3.80
3.80
Http://www.foryard.com
570nm
3.80
6~12(mw)
4~6(mw)
470nm
80~90~120
3.80
80~90~120
2.50
2.50
Ultra Blue
Dot-to-Dot Luminous Intensity ratio(Iv-M)
1.5:1
610nm
InGaN
40~100~150
50~140~190
B
Blue
GaP


Similar Part No. - FYM-12571GXX-02

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-12571GXX-02 FORYARD-FYM-12571GXX-02 Datasheet
473Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
More results

Similar Description - FYM-12571GXX-02

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-12571CX-00 FORYARD-FYM-12571CX-00 Datasheet
478Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
FYM-12571EX-00 FORYARD-FYM-12571EX-00 Datasheet
473Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
FYM-12571AXX-00 FORYARD-FYM-12571AXX-00 Datasheet
487Kb / 5P
   1.2 inch (39.10mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M12A571 BETLUX-BL-M12A571 Datasheet
351Kb / 5P
   39.10mm (1.2) u3.0 dot matrix LED display
logo
Ningbo Foryard Optoelec...
FYM-12571AX-00 FORYARD-FYM-12571AX-00 Datasheet
463Kb / 5P
   1.2inch (39.10mm) Matrix height, Dot Matrix Display
FYM-12572AX-00 FORYARD-FYM-12572AX-00 Datasheet
423Kb / 5P
   1.2 inch (31.80mm) Matrix height, Dot Matrix Display
FYM-12591AX-00 FORYARD-FYM-12591AX-00 Datasheet
442Kb / 5P
   1.2 inch (39.00mm) Matrix height, Dot Matrix Display
FYM-12883AX-00 FORYARD-FYM-12883AX-00 Datasheet
456Kb / 5P
   1.2 inch (31.70mm) Matrix height, Dot Matrix Display
FYM-12573AX-00 FORYARD-FYM-12573AX-00 Datasheet
381Kb / 5P
   1.2 inch (42.00mm) Matrix height, Dot Matrix Display
FYM-12883AXX-00 FORYARD-FYM-12883AXX-00 Datasheet
516Kb / 5P
   1.2 inch (31.70mm) Matrix height, Dot Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com