Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYM-7571DX-42 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-7571DX-42
Description  0.70 inch (17.80mm) Matrix height, Dot Matrix Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-7571DX-42 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-7571DX-42 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7571DX-42 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7571DX-42 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7571DX-42 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7571DX-42 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
2.50
AlGaAs/DH
650nm
V
Pd
30
Storage Temperature
Topr
Pulse Current
mA
mW
Emitting Color
Dice
Material
2.50
Reverse Voltage
VR
IR=30
Max
Peak Wave
Length(λP)
InGaN
Ultra brightness
InGaN
13~18
mA
150
2.50
26~38
13~18
+85
Standard brightness
AlGaAs/SH
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
GaAsP
InGaN
40~100~150
50~140~190
3.80
430nm
X=0.29,Y=0.30
6~12(mw)
4~6(mw)
470nm
Dot-to-Dot Luminous Intensity ratio(Iv-M)
1.5:1
610nm
80~90~120
3.80
80~90~120
Ultra Blue
30~60~80
260~310
260~310
X=0.29,Y=0.30
InGaN
Http://www.foryard.com
180~200
UB
AlGaInP
GaAsP
GaAsP
2.50
2.50
2.50
2.50
AlGaInP
3.80
460nm
520nm
2.50
GaP
470nm
590nm
520nm
505nm
625nm
0.7~1(mw)
60~120
20~30
Blue
Luminous
Intensity
(Iv)
Unit:mcd
(Ta=25℃)
30~60
6~12(mw)
4.40
3.80
+85
Forward
Voltage(VF) Unit:V
3.80
3.80
Symbol
570nm
590nm
15~20
14~20
610nm
1
700nm
GaP
(Ta=25℃)
FYM-7571C/DX-XX
A
460nm
635nm
3.80
570nm
14~18
100
2.50
640nm
625nm
660nm
Spectral
Line
halfwidth(∆
λ1/2)
60nm
60~100
AlGaInP
InGaN
B
Unit
Tstr
Operating Temperature
Power Dissipation
2.50
Max
Value
Par ameter
Model No.:
:FYM-7571C/DX-XX
Test Condition
■ Absolute maximum ratings


Similar Part No. - FYM-7571DX-42

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-7571DW FORYARD-FYM-7571DW Datasheet
423Kb / 5P
   DOTMATRIX DISPLAY
FYM-7571DW-0 FORYARD-FYM-7571DW-0 Datasheet
423Kb / 5P
   DOTMATRIX DISPLAY
FYM-7571DW-1 FORYARD-FYM-7571DW-1 Datasheet
423Kb / 5P
   DOTMATRIX DISPLAY
FYM-7571DW-2 FORYARD-FYM-7571DW-2 Datasheet
423Kb / 5P
   DOTMATRIX DISPLAY
FYM-7571DW-3 FORYARD-FYM-7571DW-3 Datasheet
423Kb / 5P
   DOTMATRIX DISPLAY
More results

Similar Description - FYM-7571DX-42

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-7571AX-00 FORYARD-FYM-7571AX-00 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7571A-BW-X5 FORYARD-FYM-7571A-BW-X5 Datasheet
431Kb / 5P
   0.70 inch (17.80mm) Matrix height, Dot Matrix Display
FYM-7881AW-X5 FORYARD-FYM-7881AW-X5 Datasheet
508Kb / 5P
   0.70 inch (20.20mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M07C571 BETLUX-BL-M07C571 Datasheet
342Kb / 5P
   17.80mm (0.7) :u1.8 dot matrix LED display
BL-M07A571 BETLUX-BL-M07A571 Datasheet
343Kb / 5P
   17.80mm (0.7) : u1.8 dot matrix LED display
logo
Ningbo Foryard Optoelec...
FYM-30571AXX-00 FORYARD-FYM-30571AXX-00 Datasheet
494Kb / 5P
   3.0 inch (79.80mm) Matrix height, Dot Matrix Display
FYM-46581AX-00 FORYARD-FYM-46581AX-00 Datasheet
456Kb / 5P
   4.6 inch (121.50mm) Matrix height, Dot Matrix Display
FYM-20571AX-00 FORYARD-FYM-20571AX-00 Datasheet
454Kb / 5P
   2.0 inch (53.10mm) Matrix height, Dot Matrix Display
FYM-40571AX-00 FORYARD-FYM-40571AX-00 Datasheet
449Kb / 5P
   4.0 inch (106.50mm) Matrix height, Dot Matrix Display
FYM-12572AX-00 FORYARD-FYM-12572AX-00 Datasheet
423Kb / 5P
   1.2 inch (31.80mm) Matrix height, Dot Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com